Electronic Components Datasheet Search
  English  ▼

X  

MA3X028WA Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # MA3X028WA
Description  Silicon epitaxial planar type variable resistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MA3X028WA Datasheet(HTML) 2 Page - Panasonic Semiconductor

  MA3X028WA Datasheet HTML 1Page - Panasonic Semiconductor MA3X028WA Datasheet HTML 2Page - Panasonic Semiconductor MA3X028WA Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MA3X028 Series
2
SKB00003CED
Characteristics charts of MA3X028
IF  VF
VF  Ta
IF  VF
VF  Ta
VF  Ta
IF  VF
0
−40
0
80
120
40
0.2
0.4
0.6
0.8
Ambient temperature T
a
(
°C)
MA3X0280A
MA3X0280B
IF
= 1.5 mA
10 −2
0
0.4
0.8
1.2
1.6
2.0
10 −1
1
10
102
Forward voltage V
F
(V)
MA3X028WA
MA3X028WB
0
−40
0
80
120
40
0.5
1.0
1.5
2.0
Ambient temperature T
a (°C)
IF
= 3 mA
MA3X028WA
MA3X028WB
10
−2
0
1.0
0.5
1.5
2.0
2.5
3.0
10 −1
1
10
102
Ta
= 25°C
Forward voltage V
F
(V)
MA3X028TA
MA3X028TB
0
−40
0
40
80
120
160
0.4
0.8
1.2
1.6
2.0
2.4
2.8
Ambient temperature T
a (°C)
MA3X028TA
MA3X028TB
IF
= 3 mA
10 −2
0
0.2
0.4
0.6
0.8
1.0
10 −1
1
10
Forward voltage V
F
(V)
102
MA3X0280A
MA3X0280B
Ta
= 25°C
Characteristics charts of MA3X028W
Characteristics charts of MA3X028T



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com