Electronic Components Datasheet Search
  English  ▼

X  

BGS8424 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # BGS8424
Description  WLAN LNA Switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BGS8424 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button BGS8424 Datasheet HTML 4Page - NXP Semiconductors BGS8424 Datasheet HTML 5Page - NXP Semiconductors BGS8424 Datasheet HTML 6Page - NXP Semiconductors BGS8424 Datasheet HTML 7Page - NXP Semiconductors BGS8424 Datasheet HTML 8Page - NXP Semiconductors BGS8424 Datasheet HTML 9Page - NXP Semiconductors BGS8424 Datasheet HTML 10Page - NXP Semiconductors BGS8424 Datasheet HTML 11Page - NXP Semiconductors BGS8424 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
NXP Semiconductors
BGS8424
WLAN LNA + Switch
BGS8424
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 1.3 — 6 May 2019
8 / 13
14 Package outline
References
Outline
version
European
projection
Issue date
IEC
JEDEC
JEITA
SOT1260-1
MO-255
sot1260-1_po
Unit
mm
max
nom
min
0.33
0.30
0.28
0.05 0.25 1.55
0.07
A
Dimensions: (mm are the orginal dimensons)
Note
1. Plastic or metal protrusions of 0.075 mm maximum per side are not included.
SOT1260-1
A1
0.00
0.02
b
D(1)
e
e1
1.2
k
L
0.25
v
w
0.05 0.05 0.05
0.20 1.50
0.4
0.15
0.20
0.15
0.15 1.45
1.40
Dh
1.30
1.15
1.55
E(1)
1.50
1.45
0.70
Eh
0.60
0.45
y
y1
0.35
L1
0.05
0.00
0.10
0
scale
1
2 mm
X
detail X
1
4
b
A
C
B
v
C
w
HX2SON8: plastic, thermal enhanced super thin small outline package; no leads;
8 terminals; body 1.5 x 1.5 x 0.3 mm
C
y
C
y1
A1
seating plane
A
A
E
Eh
Dh
k
B
D
5
8
terminal 1
index area
terminal 1
index area
L1
L
14-06-11
16-01-13
1/2 e
e
e1
Figure 4.  Package outline SOT1260C (HX2SON8)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com