Electronic Components Datasheet Search
  English  ▼

X  

BGS8424Z Datasheet(PDF) 1 Page - NXP Semiconductors

Part # BGS8424Z
Description  WLAN LNA Switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BGS8424Z Datasheet(HTML) 1 Page - NXP Semiconductors

  BGS8424Z Datasheet HTML 1Page - NXP Semiconductors BGS8424Z Datasheet HTML 2Page - NXP Semiconductors BGS8424Z Datasheet HTML 3Page - NXP Semiconductors BGS8424Z Datasheet HTML 4Page - NXP Semiconductors BGS8424Z Datasheet HTML 5Page - NXP Semiconductors BGS8424Z Datasheet HTML 6Page - NXP Semiconductors BGS8424Z Datasheet HTML 7Page - NXP Semiconductors BGS8424Z Datasheet HTML 8Page - NXP Semiconductors BGS8424Z Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
BGS8424
WLAN LNA + Switch
Rev. 1.3 — 6 May 2019
Product data sheet
1 General description
The BGS8424 is, also known as the WLAN3101H, a fully integrated MMIC low-noise
amplifier, and SP3T switch for Bluetooth path and transmit path. For WLAN applications
in the 2.4 GHz to 2.5 GHz ISM band. Manufactured using the high performance QUBiC
eighth generation SiGe:C technology of NXP.
The BGS8424 couples best-in-class noise figure, linearity, efficiency, low insertion loss.
Also the CMOS switches with the process stability and ruggedness are the hallmarks of
the SiGe:C technology.
The BGS8424 has a 1.5 mm × 1.5 mm footprint HX2SON8 package and a maximum
thickness of 330 μm.
2 Features and benefits
• Covers full ISM low band 2400 MHz to 2500 MHz
• Noise figure = 2 dB
• Gain 15.7 dB
• High input 1 dB compression point Pi(1dB) of -4.5 dBm
• High in of band IP3i of 6 dBm
• Supply voltage 2.7 V to 5.25 V
• Bypass mode current consumption of 4 μA at a supply voltage of 3.6 V
• Optimized performance at low supply current of 8.4 mA
• Integrated concurrent 5 GHz notch filter
• 4 modes of operation (high gain receive, bypass receive, transmit, and Bluetooth
modes)
• Integrated matching for input and output
• Requires only one supply decoupling capacitor
• ESD protection on all pins (HBM > 2 kV)
• Small 8-pin leadless package 1.5 mm × 1.5 mm × 0.32 mm; 0.4 mm pitch
3 Applications
• IEEE 802.11b/g/n WiFi, WLAN
• Smartphones, tablets, netbooks, and other portable computing devices
• Access points, routers, gateways
• Wireless video
• General-purpose ISM applications


Similar Part No. - BGS8424Z

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGS8458 NXP-BGS8458 Datasheet
186Kb / 13P
WLAN LNA Switch
Rev. 2 ??24 September 2019
BGS8458Z NXP-BGS8458Z Datasheet
186Kb / 13P
WLAN LNA Switch
Rev. 2 ??24 September 2019
More results

Similar Description - BGS8424Z

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWL6254 ANADIGICS-AWL6254 Datasheet
543Kb / 16P
2.4 GHz 802.11b/g/n WLAN PA, LNA, and RF Switch
02/2008
logo
SiGe Semiconductor, Inc...
SE2600S SIGE-SE2600S Datasheet
134Kb / 2P
2.4 GHz WLAN Switch/LNA Front End Preliminary
logo
TriQuint Semiconductor
TQP879001A TRIQUINT-TQP879001A Datasheet
169Kb / 1P
2.4GHz WLAN LNA SP3T Switch
TQL1600 TRIQUINT-TQL1600_15 Datasheet
130Kb / 1P
5 GHz WLAN Switch / LNA FEM
TQP879001A TRIQUINT-TQP879001A_15 Datasheet
169Kb / 1P
2.4GHz WLAN LNA SP3T Switch
logo
Infineon Technologies A...
BGA758L7 INFINEON-BGA758L7_11 Datasheet
1Mb / 16P
5-6 GHz LNA for WLAN
Revision 2.0, 2011-09-15
logo
NXP Semiconductors
BGS8324 NXP-BGS8324 Datasheet
137Kb / 12P
WLAN LNA Switch
Rev. 4-18 January 2017
BGS8358 NXP-BGS8358 Datasheet
114Kb / 12P
WLAN LNA Switch
Rev. 4-18 January 2017
WLAN3002C NXP-WLAN3002C Datasheet
202Kb / 15P
WLAN LNA switch
Rev. 6-19 July 2019
BGS8458 NXP-BGS8458 Datasheet
186Kb / 13P
WLAN LNA Switch
Rev. 2 ??24 September 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com