Electronic Components Datasheet Search
  English  ▼

X  

CBTL02GP023 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # CBTL02GP023
Description  5 Gbps rail-to-rail low insertion loss switch
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CBTL02GP023 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button CBTL02GP023 Datasheet HTML 4Page - NXP Semiconductors CBTL02GP023 Datasheet HTML 5Page - NXP Semiconductors CBTL02GP023 Datasheet HTML 6Page - NXP Semiconductors CBTL02GP023 Datasheet HTML 7Page - NXP Semiconductors CBTL02GP023 Datasheet HTML 8Page - NXP Semiconductors CBTL02GP023 Datasheet HTML 9Page - NXP Semiconductors CBTL02GP023 Datasheet HTML 10Page - NXP Semiconductors CBTL02GP023 Datasheet HTML 11Page - NXP Semiconductors CBTL02GP023 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
CBTL02GP023
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2017. All rights reserved.
Product data sheet
Rev. 2 — 14 August 2017
8 of 19
NXP Semiconductors
CBTL02GP023
5 Gbps rail-to-rail low insertion loss switch
[1]
The ILI value is guaranteed by design and bench test
Table 11.
ONH input buffer characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIH
HIGH-level input
voltage
CMOS input
2.15
-
-
V
VIL
LOW-level input
voltage
after glitch filter to
debounce noise
--
0.5
V
ILI
Input leakage
current
Measured with input at
VIH = VDD and VIL =0V
--
0.1
A
tdegl
deglitch time
time from ONH signal
going LOW and staying
LOW below VIL level
-
200
1000
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com