Electronic Components Datasheet Search
  English  ▼

X  

8137101 Datasheet(PDF) 2 Page - Festo Corporation.

Part # 8137101
Description  Limit switch box
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

8137101 Datasheet(HTML) 2 Page - Festo Corporation.

  8137101 Datasheet HTML 1Page - Festo Corporation. 8137101 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Feature
Value
Seals material
NBR
Shaft material
High-alloy stainless steel
Material of screws
High-alloy stainless steel
Material of mounting bracket
High-alloy stainless steel
Circlip material
High-alloy stainless steel
Disc material
High-alloy stainless steel
Cover cap material
PC
Position indicator
Yellow/red
Angle detection setting range
0 deg ... 90 deg
Storage temperature
-20 °C ... 50 °C
Degree of protection
IP67
NEMA 4/4X
Shock resistance
Shock test with severity level 2 as per FN 942017-5 and EN 60068-2-27
Vibration resistance
Transport application test with severity level 2 as per FN 942017-4 and
EN 60068-2-6
Corrosion resistance class (CRC)
0 - No corrosion stress
LABS (PWIS) conformity
VDMA24364 zone III
Contamination level
3
7/20/22 - Subject to change - Festo SE & Co. KG
2/2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com