Electronic Components Datasheet Search
  English  ▼

X  

855271 Datasheet(PDF) 2 Page - TriQuint Semiconductor

Part # 855271
Description  479.75 MHz SAW Filter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

855271 Datasheet(HTML) 2 Page - TriQuint Semiconductor

  855271 Datasheet HTML 1Page - TriQuint Semiconductor 855271 Datasheet HTML 2Page - TriQuint Semiconductor 855271 Datasheet HTML 3Page - TriQuint Semiconductor 855271 Datasheet HTML 4Page - TriQuint Semiconductor 855271 Datasheet HTML 5Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Data Sheet
Part Number 855271
479.75 MHz SAW Filter
Electrical Specifications (1,2,3)
Parameter (4)
Minimum
Typical
Maximum
Unit
Center Frequency
-
479.75
-
MHz
Insertion Loss
-
19.5
22
dB
3 dB Bandwidth (5)
9
11.7
-
MHz
35 dB Bandwidth (5)
-
19.9
22
MHz
Passband Variation (6)
-
0.38
1
dB p-p
Group Delay Variation
475.25 - 484.25 MHz
-
26
50
nsec
Source Impedance (7)
-
50
-
Ω
Load Impedance (7)
-
50
-
Ω
Temperature Coefficient (3)
-
-23
-
ppm/ oC
Substrate Material
-
LiTaO3
-
-
Notes:
1.
All specifications are based on the test circuit shown below
2.
This specification is valid for room temperature only
3.
Device will function over an operating temperature of -40 to 85
oC, but may not meet the above ambient specification. Insertion loss
and frequency shift performance will change over temperature. See coefficient of temperature for frequency shift estimation.
4.
Electrical margin has been built into the design to account for the variations due to manufacturing tolerances
5.
Referenced to insertion loss at 479.75 MHz
6.
Referenced to 100% of 1dB bandwidth
7.
This is the optimum impedance in order to achieve the performance shown
Test Circuit:
Actual matching values may vary due to PCB layout and parasitics
50
Ω
Single-ended
1,2,4,5,6,7
8,10,11,12
50
Ω
12pF
93
50
Ω
39pF
Subject to change or obsolescence without notice
Rev A
25-Jul-2003
Page 2 of 5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com