Electronic Components Datasheet Search
  English  ▼

X  

855272 Datasheet(PDF) 2 Page - TriQuint Semiconductor

Part # 855272
Description  479.75 MHz SAW Filter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

855272 Datasheet(HTML) 2 Page - TriQuint Semiconductor

  855272 Datasheet HTML 1Page - TriQuint Semiconductor 855272 Datasheet HTML 2Page - TriQuint Semiconductor 855272 Datasheet HTML 3Page - TriQuint Semiconductor 855272 Datasheet HTML 4Page - TriQuint Semiconductor 855272 Datasheet HTML 5Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Data Sheet
Part Number 855272
479.75 MHz SAW Filter
Electrical Specifications (1)
Operating Temperature: (2)
+25 oC
Parameter (3)
Minimum
Typical
Maximum
Unit
Center Frequency
479.25
479.75
480.25
MHz
Insertion Loss
-
9.8
13
dB
1 dB Bandwidth
-
23.3
-
MHz
3 dB Bandwidth
23
25.5
-
MHz
30 dB Bandwidth
-
33
-
MHz
35 dB Bandwidth
-
33.9
36
MHz
Passband Variation
-
0.75
1.5
dB p-p
Group Delay Variation
-
25
50
nsec
Source Impedance (4)
-
50
-
Ω
Load Impedance (4)
-
50
-
Ω
Temperature Coefficient of Frequency
-
-90
-
ppm/oC
Notes:
1.
All specifications are based on the test circuit shown below
2.
This specification is valid for room temperature only
3.
Electrical margin has been built into the design to account for the variations due to manufacturing tolerances
4.
This is the optimum impedance in order to achieve the performance shown
Test Circuit:
Actual matching values may vary due to PCB layout and parasitics
50
Ω
Single-ended
1,2,4,5,6
7,8,10,11,12
50
Ω
8pF
3nH
93
3nH
50
Ω
4pF
3pF
Subject to change or obsolescence without notice
Rev -
07-Apr-2003
Page 2 of 5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com