Electronic Components Datasheet Search
  English  ▼

X  

1161208 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1161208
Description  PCB connector - MVSTBR 2,5/ 3-STF-5,08 BUBDWH
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1161208 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1161208 Datasheet HTML 1Page - PHOENIX CONTACT 1161208 Datasheet HTML 2Page - PHOENIX CONTACT 1161208 Datasheet HTML 3Page - PHOENIX CONTACT 1161208 Datasheet HTML 4Page - PHOENIX CONTACT 1161208 Datasheet HTML 5Page - PHOENIX CONTACT 1161208 Datasheet HTML 6Page - PHOENIX CONTACT 1161208 Datasheet HTML 7Page - PHOENIX CONTACT 1161208 Datasheet HTML 8Page - PHOENIX CONTACT 1161208 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
Please be informed that the data shown in this PDF document is generated from our Online Catalog. Please find the complete data in the user
documentation. Our General Terms of Use for Downloads are valid.
PCB connector, nominal cross section: 2.5 mm2, color: blue, nominal current: 12 A, rated voltage
(III/2): 320 V, contact surface: Tin, type of contact: Female connector, number of rows: 1, number
of positions: 3, product range: MVSTBR 2,5/..-STF, pitch: 5.08 mm, connection method: Screw
connection with tension sleeve, screw head form: L Slotted, conductor/PCB connection direction:
90 °, locking clip: - Locking clip, plug-in system: COMBICON MSTB 2,5, locking: Screw locking,
mounting: Screw flange, type of packaging: packed in cardboard, Satisfies the requirements of
the “APL Port Profile Specification”
Your advantages
Well-known connection principle allows worldwide use
•
Screwable flange for superior mechanical stability
•
Low temperature rise, thanks to maximum contact force
•
Allows connection of two conductors
•
Commercial Data
Item number
1161208
Packing unit
1 pc
Minimum order quantity
50 pc
Sales Key
A01
Product Key
AACAKD
GTIN
4063151169923
Weight per Piece (including packing)
7.22 g
Weight per Piece (excluding packing)
7.22 g
Customs tariff number
85366990
Country of origin
DE
PCB connector - MVSTBR 2,5/ 3-STF-5,08 BUBDWH
1161208
https://www.phoenixcontact.com/us/products/1161208
Jul 20, 2022, 5:12 AM
Page 1 (19)


Similar Part No. - 1161208

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1161 ETC2-1161 Datasheet
28Kb / 1P
Perfect for cutting jackets off a variety of fibre optic cable
logo
CEE Norm UK Ltd
1161 CEENORM-1161 Datasheet
1Mb / 4P
Socket Outlets
logo
List of Unclassifed Man...
11610 ETC2-11610 Datasheet
332Kb / 1P
Fuse carriers, Domestic cartridge fuses
logo
Elektron Components Ltd...
11610 BULGIN-11610 Datasheet
271Kb / 11P
Plugs and Sockets
logo
PHOENIX CONTACT
1161037 PHOENIX-1161037 Datasheet
309Kb / 8P
ME 67,5 UT BUS/102 KMGY - Mounting base housing
More results

Similar Description - 1161208

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1161197 PHOENIX-1161197 Datasheet
2Mb / 30P
PCB connector - MSTB 2,5/ 3-ST-5,08 BUBDWH:-S
Jul 20, 2022
1835481 PHOENIX-1835481 Datasheet
483Kb / 13P
PCB connector - MVSTBR 2,5/ 3-STF
Jul 20, 2022
1912621 PHOENIX-1912621 Datasheet
321Kb / 11P
PCB connector - MVSTBR 2,5 HC/ 2-STF-5,08
Dec 30, 2022
1912634 PHOENIX-1912634 Datasheet
319Kb / 11P
PCB connector - MVSTBR 2,5 HC/ 3-STF-5,08
Dec 30, 2022
1835504 PHOENIX-1835504 Datasheet
265Kb / 9P
PCB connector - MVSTBR 2,5/ 5-STF
Jan 4, 2023
1835517 PHOENIX-1835517 Datasheet
265Kb / 9P
PCB connector - MVSTBR 2,5/ 6-STF
Jan 4, 2023
1912647 PHOENIX-1912647 Datasheet
323Kb / 11P
PCB connector - MVSTBR 2,5 HC/ 4-STF-5,08
1835216 PHOENIX-1835216 Datasheet
642Kb / 15P
MVSTBR 2,5/14-STF-5,08 - PCB connector
1912689 PHOENIX-1912689 Datasheet
323Kb / 11P
MVSTBR 2,5 HC/ 8-STF-5,08 - PCB connector
1835229 PHOENIX-1835229 Datasheet
657Kb / 16P
MVSTBR 2,5/15-STF-5,08 - PCB connector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com