Electronic Components Datasheet Search
  English  ▼

X  

855653 Datasheet(PDF) 2 Page - TriQuint Semiconductor

Part # 855653
Description  374 MHz SAW Filter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

855653 Datasheet(HTML) 2 Page - TriQuint Semiconductor

  855653 Datasheet HTML 1Page - TriQuint Semiconductor 855653 Datasheet HTML 2Page - TriQuint Semiconductor 855653 Datasheet HTML 3Page - TriQuint Semiconductor 855653 Datasheet HTML 4Page - TriQuint Semiconductor 855653 Datasheet HTML 5Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Data Sheet
Part Number 855653
374 MHz SAW Filter
Electrical Specifications (1)
Operating Temperature Range: (2)
-40 to +85 oC
Parameter (3)
Minimum
Typical
Maximum
Unit
Center Frequency
-
374
-
MHz
Insertion Loss
-
8.5
11
dB
Lower 3 dB Bandedge
Upper 3 dB Bandedge
-
382.5
362
386
365.5
-
MHz
MHz
Absolute Attenuation
274 - 341 MHz
341 - 352 MHz
352 - 357.5 MHz
390.5 - 396 MHz
396 - 430 MHz
430 - 474 MHz
50
40
10
10
30
45
55
60
50
37
45
50
-
-
-
-
-
-
dB
dB
dB
dB
dB
dB
Passband Ripple
-
0.6
1
dB p-p
Group Delay Ripple
-
60
100
nsec p-p
Triple Transit Suppression
30
40.5
-
dB
Source Impedance (4)
-
50
-
Ω
Load Impedance (4)
-
50
-
Ω
Substrate Material
-
YZ LiNbO3
-
-
Notes:
1.
All specifications are based on the test circuit shown below
2.
In production, devices will be tested at room temperature to a guardbanded specification to ensure electrical compliance over
temperature
3.
Electrical margin has been built into the design to account for the variations due to temperature drift and manufacturing tolerances
4.
This is the optimum impedance in order to achieve the performance shown
5.
Sawtek’s production specifications reflect the typical performance in a 50 ohm single-ended system. This filter can be used in both
single-ended and/or differential modes at each port. In addition, similar performance can be achieved in source and load
impedances ranging from 50 to 500 ohms.
Test Circuit:
Actual matching values may vary due to PCB layout and parasitics
50
Ω
Single-ended
1,2,4,5,6,7
8,10,11,12
50
Ω
12pF
22nH
15pF
93
50
Ω
Subject to change or obsolescence without notice
Rev A
08-Oct-2002
Page 2 of 5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com