Electronic Components Datasheet Search
  English  ▼

X  

AM4407 Datasheet(PDF) 3 Page - AiT Semiconductor Inc.

Part # AM4407
Description  -30V P-CHANNEL ENHANCEMENT MODE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.

AM4407 Datasheet(HTML) 3 Page - AiT Semiconductor Inc.

  AM4407 Datasheet HTML 1Page - AiT Semiconductor Inc. AM4407 Datasheet HTML 2Page - AiT Semiconductor Inc. AM4407 Datasheet HTML 3Page - AiT Semiconductor Inc. AM4407 Datasheet HTML 4Page - AiT Semiconductor Inc. AM4407 Datasheet HTML 5Page - AiT Semiconductor Inc. AM4407 Datasheet HTML 6Page - AiT Semiconductor Inc. AM4407 Datasheet HTML 7Page - AiT Semiconductor Inc. AM4407 Datasheet HTML 8Page - AiT Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
AiT Semiconductor Inc.
www.ait-ic.com
AM4407
MOSFET
-30V P-CHANNEL ENHANCEMENT MODE
REV1.0
- SEP 2010 RELEASED –
- 3 -
ABSOLUTE MAXIMUM RATINGS
TA = 25°C Unless otherwise specified
VDSS, Drain-Source Voltage
30V
VGSS, Gate-Source Voltage
±20V
ID, Continuous Drain Current, VGS=10VNOTE1
TA=25°C
12A
IDM, Pulsed Drain CurrentNOTE2
30A
PD, Power Dissipation
TA=25°C
3.2W
TA=70°C
2W
TJ, Operation Junction Temperature
-55/150°C
TSTG, Storage Temperature Range
-55/150°C
Stresses above may cause permanent damage to the device. These are stress ratings only and functional operation of the device at
these or any other conditions beyond those indicated in the Electrical Characteristics are not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
NOTE1: The value of RθJA is measured with the device mounted on 1in 2 FR-4 board with 2oz. Copper, in a still air environment with
TA=25°C.
NOTE2: The data tested by pulsed , pulse width≦300us , duty cycle≦2%



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com