Electronic Components Datasheet Search
  English  ▼

X  

AM9435 Datasheet(PDF) 2 Page - AiT Semiconductor Inc.

Part # AM9435
Description  -30V P-CHANNEL ENHANCEMENT MODE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.

AM9435 Datasheet(HTML) 2 Page - AiT Semiconductor Inc.

  AM9435 Datasheet HTML 1Page - AiT Semiconductor Inc. AM9435 Datasheet HTML 2Page - AiT Semiconductor Inc. AM9435 Datasheet HTML 3Page - AiT Semiconductor Inc. AM9435 Datasheet HTML 4Page - AiT Semiconductor Inc. AM9435 Datasheet HTML 5Page - AiT Semiconductor Inc. AM9435 Datasheet HTML 6Page - AiT Semiconductor Inc. AM9435 Datasheet HTML 7Page - AiT Semiconductor Inc. AM9435 Datasheet HTML 8Page - AiT Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
AiT Semiconductor Inc.
www.ait-ic.com
AM9435
MOSFET
-30V P-CHANNEL ENHANCEMENT MODE
REV1.1
- MAR 2010 RELEASED, JUL 2012 UPDATED -
- 2 -
PIN DESCRIPTION
`
Top View
Pin #
Symbol
Function
1
S
Source
2
S
Source
3
S
Source
4
G
Gate
5
D
Drain
6
D
Drain
7
D
Drain
8
D
Drain



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com