Electronic Components Datasheet Search
  English  ▼

X  

AP8024B Datasheet(PDF) 7 Page - AiT Semiconductor Inc.

Part # AP8024B
Description  NON-ISOLATED PFM CONVERTERS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.

AP8024B Datasheet(HTML) 7 Page - AiT Semiconductor Inc.

Back Button AP8024B Datasheet HTML 3Page - AiT Semiconductor Inc. AP8024B Datasheet HTML 4Page - AiT Semiconductor Inc. AP8024B Datasheet HTML 5Page - AiT Semiconductor Inc. AP8024B Datasheet HTML 6Page - AiT Semiconductor Inc. AP8024B Datasheet HTML 7Page - AiT Semiconductor Inc. AP8024B Datasheet HTML 8Page - AiT Semiconductor Inc. AP8024B Datasheet HTML 9Page - AiT Semiconductor Inc. AP8024B Datasheet HTML 10Page - AiT Semiconductor Inc. AP8024B Datasheet HTML 11Page - AiT Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
AiT Semiconductor Inc.
www.ait-ic.com
AP8024
AC-DC PFM CONTROLLER
NON-ISOLATED PFM CONVERTERS
REV2.0
- JAN 2015 RELEASED, MAR 2018 UPDATED -
- 7 -
DETAILED INFORMATION
The AP8024 consists of an integrated Pulse Frequency Modulator (PFM) controller and power MOSFET,
specifically designed for small power non-isolated switching power supply. AP8024 has internal high voltage
start-up circuit and complete intelligent protections including adjustable Over Current Protection (OCP), Under
Voltage Lockout (UVLO) and Over Temperature Protection (OTP). Excellent EMI performance could be
achieved with Pulse Frequency Modulation.
Start up
At start up, the internal high-voltage current source supplies 2.5mA current to charges the external VDD
capacitor. When VDD rises to VDDon, AP8024 starts switching and the internal high-voltage current source
stops charging the capacitor. After start up, the VDD voltage is supplied from output.
CV Operation Mode
In CV operation, AP8024 samples the feedback signal through VDD pin. While the feedback voltage remains
below VREF, the IC turns on the integrated MOSFET. When the current of the inductor reaches the peak
current limit (Ipeak), the integrated MOSFET is turned off. Figure1 and Figure 2 shows the operating
waveform of key nodes in continuous conduction mode (CCM) and discontinuous conduction mode (DCM).
Meanwhile, the IC integrates load compensation function to improve load regulation and CV accuracy.
Figure 1 Waveform if CCM mode
Figure 2 Waveform of DCM mode
In actual applications, VDD sampling voltage is affected by the forward drop of D2 in addition
PFM modulation
The IC operates in PFM mode, and Ipeak is set to decrease with the decrease of the IC operating frequency
(fsw). when the IC switching cycle increase 1us, Ipeak will decrease 13.3mA. As a result of the internal



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com