Electronic Components Datasheet Search
  English  ▼

X  

855787 Datasheet(PDF) 1 Page - TriQuint Semiconductor

Part # 855787
Description  261.12 MHz Bandpass Filter
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

855787 Datasheet(HTML) 1 Page - TriQuint Semiconductor

  855787 Datasheet HTML 1Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Specifications subject to change or obsolescence without notice.
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
1
-10
-8
-6
-4
-2
0
2
4
6
8
10
MHz
dB
MHz
MHz
MHz
MHz
deg
dB
dB
dB
dB
dB
-
°C
-
-
263.04
257.12
-
-
47
47
47
47
20
-
-20
261.12
9.6
258.8
263.5
257.6
264.7
0.55
LiTaO
3
25
-
12
259.2
-
-
265.12
4
-
-
-
-
-
-
85
Center Frequency
Maximum Insertion Loss (259.2 - 263.04 MHz)
1 dB Lower Frequency
1 dB Upper Frequency
15 dB Lower Frequency
15 dB Upper Frequency
Phase Linearity(259.2 - 263.04 MHz)
Rejection: 161.12 - 241.12 MHz
Rejection: 241.12 - 253.12 MHz
Rejection: 269.12 - 281.12 MHz
Rejection: 281.12 - 361.12 MHz
Triple Transit Suppression
Substrate Material
Operating Temperature Range
Unit
Minimum
Typical
Maximum
Parameter
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
Data Sheet
Typical Performance
Specifications
Package Outline
Matching Configuration
Sawtek Inc.
Telephone: (407) 886-8860
Fax:
(407) 886-7061
L1 = 18 nH , L2 =15 nH
C1 = 33 pf
Nominal Source/Load Impedance = 50
Ω
Package Style SMP 53
2/21/00
3.84 MHz Bandwidth
Part Number 855787
261.12 MHz Bandpass Filter
Vertical: 10 dB/Div
Horizontal: 2 MHz/Div
Vertical: 1 dB/Div
Vertical: 2 deg/Div
Horizontal: 800 kHz/Div


Similar Part No. - 855787

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
855780 TRIQUINT-855780 Datasheet
49Kb / 1P
199 MHz Bandpass Filter
855782 TRIQUINT-855782 Datasheet
379Kb / 5P
881.5 MHz SAW Filter
855782 TRIQUINT-855782_15 Datasheet
558Kb / 5P
881.5 MHz SAW Filter
855783 TRIQUINT-855783 Datasheet
62Kb / 1P
114.99 MHz Bandpass Filter
More results

Similar Description - 855787

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
Rev X1
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
logo
KR Electronics, Inc.
2892-SMA-MF KR-2892-SMA-MF Datasheet
75Kb / 3P
250 MHz Bandpass Filter
2924-SMA KR-2924-SMA Datasheet
99Kb / 3P
70 MHz Bandpass Filter
3259-200-SMA KR-3259-200-SMA Datasheet
142Kb / 3P
200 MHz Bandpass Filter
3277-SMA KR-3277-SMA Datasheet
100Kb / 3P
70 MHz Bandpass Filter
3299-SMA KR-3299-SMA Datasheet
85Kb / 3P
530 MHz Bandpass Filter
3306-3381-1629 KR-3306-3381-1629 Datasheet
73Kb / 3P
3381 MHz Bandpass Filter
3316-SMA KR-3316-SMA Datasheet
109Kb / 3P
550 MHz Bandpass Filter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com