Electronic Components Datasheet Search
  English  ▼

X  

855821 Datasheet(PDF) 1 Page - TriQuint Semiconductor

Part # 855821
Description  836.5 MHz SAW Filter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

855821 Datasheet(HTML) 1 Page - TriQuint Semiconductor

  855821 Datasheet HTML 1Page - TriQuint Semiconductor 855821 Datasheet HTML 2Page - TriQuint Semiconductor 855821 Datasheet HTML 3Page - TriQuint Semiconductor 855821 Datasheet HTML 4Page - TriQuint Semiconductor 855821 Datasheet HTML 5Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Data Sheet
Part Number 855821
836.5 MHz SAW Filter
Subject to change or obsolescence without notice
Last Updated: 14-May-2001
Page 1 of 5
Features
• For AMPS, CDMA and TDMA applications
• Usable bandwidth 25 MHz
• Low loss
• No impedance matching required for operation
at 50
Ω
• Single-ended operation
• Ceramic Surface Mount Package (SMP)
• Small size
•
Package
Pin Configuration
Surface Mount 3.0 x 3.0 x 1.22 mm
65
4
3
2
1
0.69
1.22 NOM.
1.32 MAX.
0.75
0.60
1.50
0.75
3.00
3.00
Dimensions shown are nominal in millimeters
All tolerances are
±0.15mm except overall
length and width
±0.10mm
Body: Al2O3 ceramic
Lid: Kovar, Ni plated
Terminations: Au plating 0.5 - 1.0
µm,
over a 2 - 6
µm Ni plating
Pin No.
Description
2,5
Input/Output
1,3,4,6
Case ground


Similar Part No. - 855821

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
855821 TRIQUINT-855821_15 Datasheet
558Kb / 5P
836.5 MHz SAW Filter
More results

Similar Description - 855821

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
855729 TRIQUINT-855729 Datasheet
394Kb / 5P
836.5 MHz SAW Filter
856243 TRIQUINT-856243 Datasheet
527Kb / 6P
836.5 MHz SAW Filter
logo
Integrated Technology F...
T83651B ITF-T83651B Datasheet
159Kb / 2P
836.5 MHz SAW Filter
Rev 1.0 2013. 03. 29
logo
Murata Manufacturing Co...
SF1182B MURATA-SF1182B Datasheet
120Kb / 3P
836.5 MHz SAW Filter
logo
TriQuint Semiconductor
855821 TRIQUINT-855821_15 Datasheet
558Kb / 5P
836.5 MHz SAW Filter
856704 TRIQUINT-856704_15 Datasheet
331Kb / 6P
836.5 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1415A TAI-SAW-TA1415A Datasheet
253Kb / 7P
SAW Filter 836.5 MHz
TA1652A TAI-SAW-TA1652A Datasheet
152Kb / 6P
SAW Filter 836.5 MHz
TA0183B TAI-SAW-TA0183B Datasheet
1Mb / 7P
SAW Filter 836.5 MHz
TA1692C TAI-SAW-TA1692C Datasheet
505Kb / 9P
SAW Filter 836.5 MHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com