Electronic Components Datasheet Search
  English  ▼

X  

855844 Datasheet(PDF) 2 Page - TriQuint Semiconductor

Part # 855844
Description  225 MHz SAW Filter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

855844 Datasheet(HTML) 2 Page - TriQuint Semiconductor

  855844 Datasheet HTML 1Page - TriQuint Semiconductor 855844 Datasheet HTML 2Page - TriQuint Semiconductor 855844 Datasheet HTML 3Page - TriQuint Semiconductor 855844 Datasheet HTML 4Page - TriQuint Semiconductor 855844 Datasheet HTML 5Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Data Sheet
Part Number 855844
225 MHz SAW Filter
Subject to change or obsolescence without notice
Rev A
01-Nov-2001
Page 2 of 5
Electrical Specifications (1)
Operating Temperature Range: (2)
-20 to +70 oC
Parameter (3)
Minimum
Typical
Maximum
Unit
Center Frequency, fo
-
225
-
MHz
Insertion Loss at 225 MHz
Excluding losses due to matching
Including losses in matching test circuit shown below
-
-
2.3
3.5
3.8
5.0
dB
dB
Amplitude Variation
224.9200 - 225.0800 MHz
224.9325 - 225.0675 MHz
-
-
0.5
0.3
3.2
2.2
dB p-p
dB p-p
Rejection (4)
223 - 224.4 MHz
224.4 - 224.6 MHz
224.6 - 224.8 MHz
225.2 - 225.4 MHz
225.4 - 225.6 MHz
225.6 - 227.0 MHz
35
26
5
5
26
35
45
32
11
13
30
39
-
-
-
-
-
-
MHz
MHz
MHz
MHz
MHz
MHz
Out of Band Rejection
10 - 215 MHz
235 - 750 MHz
42
42
45
45
-
-
dB
dB
Group Delay Ripple
224.9200 - 225.0800 MHz
224.9325 - 225.0675 MHz
224.9500 - 225.0500 MHz
-
-
-
0.9
0.6
0.2
1.8
1.6
1.3
µsec
µsec
µsec
Optimal Source Impedance: (5)
-
704
Ω||332nH
-
Ω
Optimal Load Impedance: (5)
-
739
Ω||359nH
-
Ω
Notes:
1.
All specifications are based on the test circuit shown below
2.
In production, devices will be tested at room temperature to a guardbanded specification to ensure electrical compliance over
temperature
3.
Electrical margin has been built into the design to account for the variations due to manufacturing tolerances
4.
Relative to insertion loss at 225 MHz
5.
This is the complex conjugate of the unmatched filter’s impedance resulting in maximum power transfer
Test Circuit:
50
Ω
Balanced
3,4,7,8
50
Ω
7pF
82nH
7pF
7pF
7pF
2
1
5
6
82nH
50
Ω



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com