Electronic Components Datasheet Search
  English  ▼

X  

856183 Datasheet(PDF) 2 Page - TriQuint Semiconductor

Part # 856183
Description  1220 MHz SAW Filter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

856183 Datasheet(HTML) 2 Page - TriQuint Semiconductor

  856183 Datasheet HTML 1Page - TriQuint Semiconductor 856183 Datasheet HTML 2Page - TriQuint Semiconductor 856183 Datasheet HTML 3Page - TriQuint Semiconductor 856183 Datasheet HTML 4Page - TriQuint Semiconductor 856183 Datasheet HTML 5Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Preliminary Data Sheet
Part Number 856183
1220 MHz SAW Filter
Electrical Specifications (1)
Operating Temperature Range: (2)
-10 to +70 oC
Parameter (3)
Minimum
Typical
Maximum
Unit
Center Frequency
-
1220
-
MHz
Maximum Insertion Loss
1216 - 1224 MHz
-
4.5
5.0
dB
Lower 1.5 dB Bandedge (4)
Upper 1.5 dB Bandedge (4)
-
1224
1212.5
1227.5
1216
-
MHz
MHz
Stop Band Rejection (4)
500 - 1140 MHz
1140 - 1160 MHz
1160 - 1190 MHz
1245 - 1260 MHz
1260 - 2000 MHz
55
50
45
20
55
60
55
52
25
60
-
-
-
-
-
dB
dB
dB
dB
dB
Amplitude Ripple (5)
1216 - 1224 MHz
-
1
1.5
dB
Group Delay Ripple (5)
1216 - 1224 MHz
-
15
-
ns
Source Impedance (6)
-
200
-
Ω
Load Impedance (6)
-
200
-
Ω
Notes:
1.
All specifications are based on the test circuit shown below
2.
In production, devices will be tested at room temperature to a guardbanded specification to ensure electrical compliance over
temperature
3.
Electrical margin has been built into the design to account for the variations due to temperature drift and manufacturing tolerances
4.
All attenuation measurements will be referenced to the insertion loss at center frequency
5.
Total variation measured over the defined frequency range
6.
This is the optimum impedance in order to achieve the performance shown
Test Circuit:
200
Ω
Balanced
3,4,7,8
1
5
200
200
Ω
Ω
2
6
No impedance matching
required in a 200
Ω system
Subject to change or obsolescence without notice
Rev B
24-Jul-2003
Page 2 of 5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com