Electronic Components Datasheet Search
  English  ▼

X  

856187 Datasheet(PDF) 2 Page - TriQuint Semiconductor

Part # 856187
Description  374 MHz SAW Filter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

856187 Datasheet(HTML) 2 Page - TriQuint Semiconductor

  856187 Datasheet HTML 1Page - TriQuint Semiconductor 856187 Datasheet HTML 2Page - TriQuint Semiconductor 856187 Datasheet HTML 3Page - TriQuint Semiconductor 856187 Datasheet HTML 4Page - TriQuint Semiconductor 856187 Datasheet HTML 5Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Preliminary Data Sheet
Part Number 856187
374 MHz SAW Filter
Electrical Specifications (1)
Operating Temperature Range: (2)
-10 to +80 oC
Parameter (3)
Minimum
Typical
Maximum
Unit
Center Frequency, f0
-
374
-
MHz
Minimum Insertion Loss
-
3.0
5.0
dB
Lower 3 dB Bandedge
Upper 3 dB Bandedge
-
382.5
362
386
365.5
-
MHz
MHz
Absolute Attenuation
10 - 345 MHz
345 - 355 MHz
355 - 359 MHz
392.5 - 397 MHz
397 - 410 MHz
410 - 600 MHz
55
50
44
35
45
55
60
55
50
40
50
60
-
-
-
-
-
-
dB
dB
dB
dB
dB
dB
Amplitude Variation
367 - 381 MHz
-
1.0
1.5
dB p-p
Group Delay Variation
367 - 381 MHz
-
100
150
nsec p-p
Source Impedance (4)
-
50
-
Ω
Load Impedance (4)
-
50
-
Ω
Notes:
1.
All specifications are based on the test circuit shown below
2.
In production, devices will be tested at room temperature to a guardbanded specification to ensure electrical compliance over
temperature
3.
Electrical margin has been built into the design to account for the variations due to temperature drift and manufacturing tolerances
4.
This is the optimum impedance in order to achieve the performance shown
5.
Sawtek’s production specifications reflect the typical performance in a 50 ohm single-ended system. This filter can be used in both
single-ended and/or differential modes at each port. In addition, similar performance can be achieved in source and load
impedances ranging from 50 to 750 ohms.
Test Circuit:
50
Ω
Balanced
2,3,4,6,7,8
50
Ω
2pF
12nH
15
50
Ω
12nH
Subject to change or obsolescence without notice
Rev -
22-Nov-2002
Page 2 of 5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com