Electronic Components Datasheet Search
  English  ▼

X  

BCC09MJ Datasheet(PDF) 1 Page - Balluff Korea Ltd.

Part # BCC09MJ
Description  Single-Ended Cordsets
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BCC09MJ Datasheet(HTML) 1 Page - Balluff Korea Ltd.

  BCC09MJ Datasheet HTML 1Page - Balluff Korea Ltd. BCC09MJ Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Single-Ended Cordsets
BCC M415-0000-1A-067-PS75N6-020
Order Code: BCC09MJ
Internet
www.balluff.com
eCl@ss 9.1: 27-06-03-11
Subject to change without notice: 189399
ETIM 6.0: EC001855
BCC09MJ_0.84_2022-07-16
1 / 2
Basic features
Application
DeviceNet Thin
Approval/Conformity
CE
cULus
EAC
WEEE
Electrical connection
Bending radius min., fixed cable
5 x D
Bending radius min., flexible cable
10 x D
Cable
PUR Shielded violet, 2 m, drag
chain compatible
Cable diameter D
7.20 mm ±0.30 mm
Cable, bending cycles min.
1 mil.
Conductor cross-section
22 AWG/24 AWG
Connection
M12x1-Female, Straight, 5-pin, A-
coded
Connector configuration
Straight
Number of conductors
4
Number of pins
5
System
Molded
Electrical data
Conductor construction
2x2 twisted-pair
Operating voltage Ub
60 VDC / 60 VAC
Rated current (40 °C)
4.0 A
Surge impedance
120 Ohm ±12 Ohm
Environmental conditions
Cable temperature, fixed routing
-40...80 °C
Cable temperature, flexible routing
-20...80 °C
IP rating
IP67, IP68, IP69K
Material
Cable jacket material, note
Shielded
Cable jacket, material
PUR
Cable shield
Aluminum foil and copper braid
Material contact carrier
PUR
Material contacts
Bronze
Material cover nut
Die-cast zinc
Material grip
PUR
Mechanical data
Acceleration max., drag chain
5 m/s²
Cable jacket, color
violet
Cable length L
2.00 m
Cable properties
drag chain compatible
Tightening torque pigtail
0.6 Nm
Traverse speed max., drag chain
200 m/min


Similar Part No. - BCC09MJ

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BCC09M1 BALLUFF-BCC09M1 Datasheet
104Kb / 2P
Double-Ended Cordsets
2023-12-20
BCC09M2 BALLUFF-BCC09M2 Datasheet
104Kb / 2P
Double-Ended Cordsets
2024-02-27
BCC09M3 BALLUFF-BCC09M3 Datasheet
104Kb / 2P
Double-Ended Cordsets
2023-12-20
BCC09M4 BALLUFF-BCC09M4 Datasheet
109Kb / 2P
Single-Ended Cordsets
0.8_2022-07-16
BCC09M5 BALLUFF-BCC09M5 Datasheet
109Kb / 2P
Single-Ended Cordsets
0.84_2022-07-16
More results

Similar Description - BCC09MJ

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BCC02M6 BALLUFF-BCC02M6 Datasheet
103Kb / 2P
Single-Ended Cordsets
0.64_2022-04-14
BCC053U BALLUFF-BCC053U Datasheet
122Kb / 2P
Single-Ended Cordsets
0.79_2022-04-14
BCC06HN BALLUFF-BCC06HN Datasheet
107Kb / 2P
Single-Ended Cordsets
0.65_2022-04-13
BCC0727 BALLUFF-BCC0727 Datasheet
107Kb / 2P
Single-Ended Cordsets
1_2018-12-17
BCC09CP BALLUFF-BCC09CP Datasheet
163Kb / 2P
Single-Ended Cordsets
0.63_2022-04-14
BCC02N5 BALLUFF-BCC02N5 Datasheet
98Kb / 2P
Single-Ended Cordsets
0.73_2022-01-17
BCC02NA BALLUFF-BCC02NA Datasheet
105Kb / 2P
Single-Ended Cordsets
0.34_2022-01-18
BCC02NK BALLUFF-BCC02NK Datasheet
99Kb / 2P
Single-Ended Cordsets
0.75_2022-01-17
BCC02NW BALLUFF-BCC02NW Datasheet
122Kb / 2P
Single-Ended Cordsets
1_2021-10-12
BCC032W BALLUFF-BCC032W Datasheet
107Kb / 2P
Single-Ended Cordsets
0.64_2022-04-14
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com