Electronic Components Datasheet Search
  English  ▼

X  

BAS40 Datasheet(PDF) 2 Page - AiT Semiconductor Inc.

Part # BAS40
Description  SCHOTTKY DIODES 120mA, 40V
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.

BAS40 Datasheet(HTML) 2 Page - AiT Semiconductor Inc.

  BAS40 Datasheet HTML 1Page - AiT Semiconductor Inc. BAS40 Datasheet HTML 2Page - AiT Semiconductor Inc. BAS40 Datasheet HTML 3Page - AiT Semiconductor Inc. BAS40 Datasheet HTML 4Page - AiT Semiconductor Inc. BAS40 Datasheet HTML 5Page - AiT Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
AiT Semiconductor Inc.
www.ait-ic.com
BAS40
SCHOTTKY DIODES
120mA, 40V
REV1.1
- JAN 2014 RELEASED, JUN 2021 UPDATED -
- 2 -
ABSOLUTE MAXIMUM RATINGS
VR, Continuous Reverse Voltage
40V
IF, Continuous Forward Current
120mA
IFSM, Repetitive Peak Forward Surge Current (tp≦1s;δ≦0.5)
120mA
IFSM, Non-repetitive Peak Forward Current (tp<10ms)
200mA
TSTG, Storage Temperature
-65~+150°C
TJ, Junction Temperature
150°C
TAMB, Operating Ambient Temperature
-65~+150°C
Stresses above may cause permanent damage to the device. These are stress ratings only and functional operation of the device at
these or any other conditions beyond those indicated in the Electrical Characteristics are not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
ELECTRICAL CHARACTERISTICS
TA = 25°C
Parameter
Symbol
Conditions
Max.
Unit
Forward Voltage (Fig.1)
VF
IF=1mA
IF=10mA
IF=40mA
400
560
1
mV
mV
V
Reverse Current (Fig.2)NOTE1
IR
VR=30V
VR=40V
1
10
μA
μA
Diode Capacitance (Fig.4)
Cd
f=1MHz;VR=0
5
pF
NOTE1: Pulse test:tp=300μs;δ=0.02.
THERMAL CHARACTERISTICS
Parameter
Symbol
Value
Unit
Thermal Resistance from Junction to Ambient
Rth j-a
500
k/w



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com