Electronic Components Datasheet Search
  English  ▼

X  

BAS516 Datasheet(PDF) 2 Page - AiT Semiconductor Inc.

Part # BAS516
Description  SWITCHING DIODE HIGH SPEED SWITCHING DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.

BAS516 Datasheet(HTML) 2 Page - AiT Semiconductor Inc.

  BAS516 Datasheet HTML 1Page - AiT Semiconductor Inc. BAS516 Datasheet HTML 2Page - AiT Semiconductor Inc. BAS516 Datasheet HTML 3Page - AiT Semiconductor Inc. BAS516 Datasheet HTML 4Page - AiT Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
 
AiT Semiconductor Inc.
www.ait-ic.com
BAS516
SWITCHING DIODE
HIGH SPEED SWITCHING DIODE
REV1.0
- DEC 2016 RELEASED -
- 2 -
 
ELECTRICAL CHARACTERISTICS
T A = 25°C, unless otherwise noted
Parameter
Symbol
Conditions
Min
Typ.
Max
Unit
Forward Voltage
VF
IF = 100mA
-
1.2
V
Reverse Current
IR
VR = 80V
-
20
μA
Diode Capacitance
CD
VR = 0.5V, f = 1MHz
-
0.72
3.0
pF
Reverse Recovery Time
trr
VR=6V,IF=10mA,RL=100Ω
-
4
ns
TYPICAL CHARACTERISTICS
T A = 25°C
Figure 1. Forward Characteristics
Figure 2. Reverse Characteristics
Figure 3. Capacitance between terminals



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com