Electronic Components Datasheet Search
  English  ▼

X  

BAS70 Datasheet(PDF) 1 Page - AiT Semiconductor Inc.

Part # BAS70
Description  SCHOTTKY DIODES 70mA, 70V
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.

BAS70 Datasheet(HTML) 1 Page - AiT Semiconductor Inc.

  BAS70 Datasheet HTML 1Page - AiT Semiconductor Inc. BAS70 Datasheet HTML 2Page - AiT Semiconductor Inc. BAS70 Datasheet HTML 3Page - AiT Semiconductor Inc. BAS70 Datasheet HTML 4Page - AiT Semiconductor Inc. BAS70 Datasheet HTML 5Page - AiT Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
AiT Semiconductor Inc.
www.ait-ic.com
BAS70
SCHOTTKY DIODES
70mA, 70V
REV1.0
- FEB 2019 RELEASED -
- 1 -
DESCRIPTION
FEATURES
70mA Planar Schottky barrier diodes with an
integrated guard ring for stress protection. Single
diodes and double diodes with different pinning are
available.
The BAS70 is available in SOT-23 package
⚫
Low Turn-on Voltage
⚫
Fast Switching
⚫
Low forward current
⚫
High breakdown voltage
⚫
Guard ring protected
⚫
Low diode capacitance.
⚫
Available in SOT-23 package
ORDERING INFORMATION
Package Type
Part Number
SOT-23
BAS70
BAS70-04
BAS70-05
BAS70-06
Note
SPQ: 3,000pcs/Reel
AiT provides all RoHS Compliant Products
APPLICATIONS
⚫
Ultra high-speed switching
⚫
Voltage clamping
⚫
Protection circuits.
⚫
Blocking diodes.
PIN DESCRIPTION
BAS70-05 double diode.
BAS70-06 double diode.
BAS70 single diode.
BAS70-04 double diode.


Similar Part No. - BAS70

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS70 PHILIPS-BAS70 Datasheet
61Kb / 8P
Schottky barrier double diodes
1999 Jun 01
logo
Vishay Siliconix
BAS70 VISHAY-BAS70 Datasheet
56Kb / 4P
Surface Mount Schottky Barrier Diodes
01-Apr-99
logo
Siemens Semiconductor G...
BAS70 SIEMENS-BAS70 Datasheet
108Kb / 5P
Silicon Schottky Diodes (General-purpose diodes for high-speed switching Circuit protection Voltage clamping High-level detecting and mixing)
BAS70 SIEMENS-BAS70 Datasheet
97Kb / 4P
HiRel Silicon Schottky Diode (HiRel Discrete and Microwave Semiconductor General-purpose diodes for high-speed switching)
logo
Diodes Incorporated
BAS70 DIODES-BAS70 Datasheet
52Kb / 1P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS11007 Rev. L-2
More results

Similar Description - BAS70

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
FC809 SANYO-FC809 Datasheet
50Kb / 2P
30V, 70mA Rectifier
SB007-03SPA SANYO-SB007-03SPA Datasheet
50Kb / 2P
30V, 70mA Rectifier
SB007T03Q SANYO-SB007T03Q Datasheet
60Kb / 2P
30V, 70mA Rectifier
SB007W03S SANYO-SB007W03S Datasheet
56Kb / 2P
30V, 70mA Rectifier
logo
Fairchild Semiconductor
BAS70SV FAIRCHILD-BAS70SV Datasheet
147Kb / 4P
70V Dual Schottky Barrier Diodes
logo
Formosa MS
BAS70WS FORMOSA-BAS70WS_10 Datasheet
197Kb / 7P
70mA Surface Mount Small Signal Schottky Diodes-70v
logo
Fairchild Semiconductor
BAS70SV FAIRCHILD-BAS70SV_11 Datasheet
147Kb / 4P
70V Dual Schottky Barrier Diodes
logo
Chip Integration Techno...
BAS70 CITC-BAS70 Datasheet
98Kb / 3P
70mA Surface Mount Small Signal Diodes
BAS70WS CITC-BAS70WS Datasheet
459Kb / 3P
70mA Surface Mount Small Signal Diodes
logo
AiT Semiconductor Inc.
MMSD301 AITSEMI-MMSD301 Datasheet
571Kb / 6P
SCHOTTKY DIODE REVERSE VOLTAGE 30V/70V
REV1.0
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com