Electronic Components Datasheet Search
  English  ▼

X  

BAV19WS Datasheet(PDF) 2 Page - AiT Semiconductor Inc.

Part # BAV19WS
Description  SWITCHING DIODE SILICON EPITAXIAL PLANAR HIGH VOLTAGE DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.

BAV19WS Datasheet(HTML) 2 Page - AiT Semiconductor Inc.

  BAV19WS Datasheet HTML 1Page - AiT Semiconductor Inc. BAV19WS Datasheet HTML 2Page - AiT Semiconductor Inc. BAV19WS Datasheet HTML 3Page - AiT Semiconductor Inc. BAV19WS Datasheet HTML 4Page - AiT Semiconductor Inc. BAV19WS Datasheet HTML 5Page - AiT Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
AiT Semiconductor Inc.
www.ait-ic.com
BAV19WS~ BAV21WS
SWITCHING DIODE
SILICON EPITAXIAL PLANAR HIGH VOLTAGE DIODE
REV1.0
- DEC 2017 RELEASED -
- 2 -
ABSOLUTE MAXIMUM RATINGS
TA= 25°C
Parameter
Symbol
BAV19WS BAV20WS BAV21WS
Unit
Repetitive Peak Reverse Voltage
VRRM
120
200
250
V
Reverse Voltage
VR
100
150
200
V
Average Rectified Forward Current
IF(AV)
200
mA
Forward Continuous Current
IFM
400
mA
Repetitive Peak Forward Current
IFRM
625
mA
Non-Repetitive
Peak
Forward
Surge Current
t=1us
t=1s
IFSM
2.5
0.5
A
Power Dissipation
Ptot
200
mW
Operating and Storage Temperature Rage
TJ ,TSTG
-65 ~ +150
°C
Stresses above may cause permanent damage to the device. These are stress ratings only and functional operation of the device at
these or any other conditions beyond those indicated in the Electrical Characteristics are not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
ELECTRICAL CHARACTERISTICS
TA= 25°C
Parameter
Symbol
Conditions
Min.
Max.
Unit
Reverse Breakdown Voltage
V(BR)R
IR=100uA
BAV19WS
BAV20WS
BAV21WS
120
200
250
-
V
Reverse Current
IR
VR=100V
VR=150V
VR=200V
BAV19WS
BAV20WS
BAV21WS
-
100
nA
Forward Voltage
VF
IF=100mA
IF=200mA
-
1
1.25
V
Total Capacitance
CT
VR=0V,f=1MHz
-
5
pF
Reverse Recovery Time
trr
IF=IR=30mA,
IRR=0.1x IR,RL=100Ω
-
50
ns



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com