Electronic Components Datasheet Search
  English  ▼

X  

DB101S Datasheet(PDF) 2 Page - AiT Semiconductor Inc.

Part # DB101S
Description  BRIDGE RECTIFIER REVERSE VOLTAGE 50V TO 1000V RECTIFIED CURRENT 1.0A
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.

DB101S Datasheet(HTML) 2 Page - AiT Semiconductor Inc.

  DB101S Datasheet HTML 1Page - AiT Semiconductor Inc. DB101S Datasheet HTML 2Page - AiT Semiconductor Inc. DB101S Datasheet HTML 3Page - AiT Semiconductor Inc. DB101S Datasheet HTML 4Page - AiT Semiconductor Inc. DB101S Datasheet HTML 5Page - AiT Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
AiT Semiconductor Inc.
www.ait-ic.com
DB101S~DB107S
BRIDGE RECTIFIER
REVERSE VOLTAGE 50V TO 1000V RECTIFIED CURRENT 1.0A
REV2.0
- MAR 2012 RELEASED, MAR 2019 UPDATED -
- 2 -
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25℃ ambient temperature unless otherwise specified. Single phase half-wave 60Hz, resistive or
inductive load, For capacitive load derate current by 20%.
Parameter
Symbol DB101S DB102S DB103S DB104S DB105S DB106S DB107S Unit
Maximum Repetitive Peak
Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward
Rectified Current at TA=40°C
IF(AV)
1.0
A
Peak Forward Surge Current
8.3ms Single Half Sine-Wave
Superimposed on Rated Load
(JEDEC Method)
IFSM
50
A
Maximum instantaneous
forward voltage Drop per
Bridge Element at 1.0A
VF
1.1
V
Maximum DC
Reverse Current
at Rated DC
Blocking Voltage
TA=25℃
IR
10
500
μA
TA=125℃
Operating Temperature Range
TJ
-55~150
℃
Storage Temperature Range
TSTG
-55~150
℃
Stresses above may cause permanent damage to the device. These are stress ratings only and functional operation of the device at
these or any other conditions beyond those indicated in the Electrical Characteristics are not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
NOTES: DBS for surface mount package.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com