Electronic Components Datasheet Search
  English  ▼

X  

ES1DF Datasheet(PDF) 3 Page - AiT Semiconductor Inc.

Part # ES1DF
Description  RECTIFIER DIODES REVERSE VOLTAGE 50V TO 600V FORWARD CURRENT 1A
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.

ES1DF Datasheet(HTML) 3 Page - AiT Semiconductor Inc.

  ES1DF Datasheet HTML 1Page - AiT Semiconductor Inc. ES1DF Datasheet HTML 2Page - AiT Semiconductor Inc. ES1DF Datasheet HTML 3Page - AiT Semiconductor Inc. ES1DF Datasheet HTML 4Page - AiT Semiconductor Inc. ES1DF Datasheet HTML 5Page - AiT Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
AiT Semiconductor Inc.
www.ait-ic.com
ES1AF~ES1JF
RECTIFIER DIODES
REVERSE VOLTAGE 50V TO 600V FORWARD CURRENT 1A
REV1.0
- MAR 2015 RELEASED -
- 3 -
TYPICAL CHARACTERISTICS
Figure. 1 Reverse Recovery Time Characteristic And Test Circuit Diagram
Figure. 2 Maximum Average Forward Current Rating
Figure. 3 Typical Reverse Characteristics
Figure. 4 Typical Forward Characteristics
Figure. 5 Typical Junction Capacitance



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com