Electronic Components Datasheet Search
  English  ▼

X  

CSH210R Datasheet(PDF) 2 Page - TriQuint Semiconductor

Part # CSH210R
Description  General Purpose SPDT Switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

CSH210R Datasheet(HTML) 2 Page - TriQuint Semiconductor

  CSH210R Datasheet HTML 1Page - TriQuint Semiconductor CSH210R Datasheet HTML 2Page - TriQuint Semiconductor CSH210R Datasheet HTML 3Page - TriQuint Semiconductor CSH210R Datasheet HTML 4Page - TriQuint Semiconductor CSH210R Datasheet HTML 5Page - TriQuint Semiconductor CSH210R Datasheet HTML 6Page - TriQuint Semiconductor CSH210R Datasheet HTML 7Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
CSH210R
Maximum Ratings:
Parameter
Symbol
Value
Un
min
max
Control Voltage Range
Vcntrl
-5
5
V
RF Input Power
Pin
W
Junction Temperature
@ 30dbm input and 25°C
Tj
50
°C
Storage Temperature
Tstg
-55
150
°C
3
2
it
Exceeding any one or combination of these max ratings may cause permanent damage
AC Electrical Characteristics: (T=25C; Vcntrl=3.0V; Pin=0dBm)**
Parameter
Symbol
Test
Condition
min
typ
max
Unit
Insertion Loss RFC-RF1, RFC-
RF2
ILRF
0.5-1.0GHz
1.0-2.0GHz
0.3
0.4
0.45
0.6
dB
Isolation RF1-RF2
ISOL
0.5-1.0GHz
1.0-2.0GHz
19
15
24
20
dB
VSWR* (all ports)
VSWR
DC-2.5GHz
1.3:1
Gate Leakage
IL
0.1
mA
Trise /Tfall (10% RF to 90%RF)
10
nS
Ton /Toff (50% CNTRL -
90%/10%RF)
20
nS
Output Power for 0.1 dB
compression
P0.1dB
DC-2.5GHz
26
dBm
Output Power for 1 dB
compression
P1
DC-2.5GHz
30
dBm
Intermodulation Intercept Point
IP3
Pin=25dBm
Freq.=1.0GHz
56
dBm
*VSWR defined for insertion loss state only
** Performance optimized for 800 MHz to 2GHz operation with 100pF external blocking capacitors
in all RF paths
DC Electrical Characteristics
Parameter
min
typ
max
Unit
Logic Level Low (State 0)
0
-
0.2
V
Locig Level High (State 1)
2.5
-
5
V
For further information, please visit www.triquint.com
pg. 2/7
Ver 5; December 16th, 2003



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com