Electronic Components Datasheet Search
  English  ▼

X  

PI90LV031A Datasheet(PDF) 9 Page - Pericom Semiconductor Corporation

Part # PI90LV031A
Description  3V LVDS High-Speed Differential Line Drivers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI90LV031A Datasheet(HTML) 9 Page - Pericom Semiconductor Corporation

Back Button PI90LV031A Datasheet HTML 2Page - Pericom Semiconductor Corporation PI90LV031A Datasheet HTML 3Page - Pericom Semiconductor Corporation PI90LV031A Datasheet HTML 4Page - Pericom Semiconductor Corporation PI90LV031A Datasheet HTML 5Page - Pericom Semiconductor Corporation PI90LV031A Datasheet HTML 6Page - Pericom Semiconductor Corporation PI90LV031A Datasheet HTML 7Page - Pericom Semiconductor Corporation PI90LV031A Datasheet HTML 8Page - Pericom Semiconductor Corporation PI90LV031A Datasheet HTML 9Page - Pericom Semiconductor Corporation PI90LV031A Datasheet HTML 10Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
PS8422B
09/15/04
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI90LV031A / PI90LV027A / PI90LV017A
3V LVDS High-Speed Differential Line Drivers
PackagingMechanical:8-pinMSOP(U)
15˚ MAX
15˚ MAX
Detail A
Detail A
.112
.120
2.85
3.05
.114
.122
2.90
3.10
.114
.122
2.90
3.10
.010
0˚- 6˚
15˚ Max.
15˚ Max.
0.25
Gauge
Plane
.003
.012
.016
.028
.037
0.40
0.70
0.95
REF
0.07
0.30
.003
.012
0.07
0.30
.193
.201
.047
max.
.002
.006
SEATING
PLANE
.0256
BSC
.018
.030
.004
.008
.252
BSC
1
16
.169
.177
X.XX
X.XX
DENOTES CONTROLLING
DIMENSIONS IN MILLIMETERS
0.05
0.15
6.4
0.45
0.75
0.09
0.20
4.3
4.5
1.20
4.9
5.1
0.65
0.19
0.30
.007
.012
Packaging Mechanical: 16-Pin TSSOP (L)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com