Electronic Components Datasheet Search
  English  ▼

X  

AMT12 Datasheet(PDF) 3 Page - CUI INC

Part # AMT12
Description  MODULAR INCREMENTAL ENCODER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

AMT12 Datasheet(HTML) 3 Page - CUI INC

  AMT12 Datasheet HTML 1Page - CUI INC AMT12 Datasheet HTML 2Page - CUI INC AMT12 Datasheet HTML 3Page - CUI INC AMT12 Datasheet HTML 4Page - CUI INC AMT12 Datasheet HTML 5Page - CUI INC AMT12 Datasheet HTML 6Page - CUI INC AMT12 Datasheet HTML 7Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
CUI Devices
│ SERIES: AMT12 │ DESCRIPTION: MODULAR INCREMENTAL ENCODER
date 09/10/2021
│ page 3 of 7
cuidevices.com
PART NUMBER KEY
For customers that prefer a specific AMT12 configuration, please reference the custom configuration key below.
AMT12 X S - XXXX - XXXX
Quadrature
Resolution (PPR):
0096
0192
0200
0250
0384
0400
0500
0512
0768
0800
1000
1024
1600
2000
2048
4096
Bore Diameter:
1000 = 1 mm
2000 = 2 mm
3000 = 3 mm
3175 = 1/8”
4000 = 4 mm
4760 = 3/16”
5000 = 5 mm
6000 = 6 mm
6350* = 1/4”
Orientation:
2 = Radial
3 = Axial
Base Number
*1/4 inch bore diameter option only available as custom configuration.
AMT12-V KITS
In order to provide maximum flexibility for our customers, the AMT12 series is provided in kit form standard. This allows the user to implement the encoder
into a range of applications using one sku#, reducing engineering and inventory costs. AMT12 kit includes all items shown below.
AMT12 X S-V
Orientation:
2 = Radial
3 = Axial
ORDERING GUIDE
*Alignment Tool comes pre-installed on all AMT12 Encoders.
SHAFT ADAPTERS
1 mm
2 mm
3 mm
1/8 in
4 mm
3/16 in
5 mm
White
Light Blue
Orange
Purple
Gray
Yellow
Green
AMT12
ENCODER
AMT12
BASE
ALIGNMENT
TOOL*
PLACEMENT
TOOL
CENTERING
TOOL
ALLEN
WRENCH
Shaft adapter is
not needed
for 6 mm shaft
Additional Resources: Product Page



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com