Electronic Components Datasheet Search
  English  ▼

X  

1SV331 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # 1SV331
Description  Useful for VCO/TCXO
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

1SV331 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  1SV331 Datasheet HTML 1Page - Toshiba Semiconductor 1SV331 Datasheet HTML 2Page - Toshiba Semiconductor 1SV331 Datasheet HTML 3Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
1SV331
2000-09-11
2/3
Electrical Characteristics (Ta
==== 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Reverse voltage
VR
IR = 1 µA
10
V
Reverse current
IR
VR = 10 V
3
nA
C1V
VR = 1 V, f = 1 MHz
17
18
19
Capacitance
C4V
VR = 4 V, f = 1 MHz
4.25
4.8
5.43
pF
Capacitance ratio
C1V/C4V
3.5
3.75
Series resistance
rs
VR = 1 V, f = 470 MHz
0.45
0.7
Ω
Marking
V 9



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com