Electronic Components Datasheet Search
  English  ▼

X  

547310 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 547310
Description  Air solenoid valve
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

547310 Datasheet(HTML) 1 Page - Festo Corporation.

  547310 Datasheet HTML 1Page - Festo Corporation. 547310 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Air solenoid valve
CPVSC1-M1LH-N-T-Q3O
Part number: 547310
Data sheet
Feature
Value
Valve function
3/2, open, monostable
Actuation type
Electrical
Valve size
10 mm
Standard nominal flow rate
170 l/min
Pneumatic working port
QS-3
Operating voltage
24V DC
Operating pressure
-0.09 MPa ... 0.7 MPa
Operating pressure
-0.9 bar ... 7 bar
Structural design
Piston gate valve
Reset method
Pneumatic spring
Degree of protection
IP40
Exhaust air function
Without flow control option
Sealing principle
Soft
Mounting position
Any
Manual override
Detenting
Non-detenting
Type of control
Pilot-controlled
Pilot air supply port
External
Flow direction
Non-reversible
Symbol
00991402
Lap
Overlap
Signal status display
LED
Pilot pressure MPa
0.3 MPa ... 0.7 MPa
Pilot pressure
3 bar ... 7 bar
Switching time off
10 ms
On switching time
10 ms
Coil characteristics
24 V DC: 1.0 W
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Information on operating and pilot media
Operation with oil lubrication possible (required for further use)
Vibration resistance
Transport application test with severity level 2 as per FN 942017-4 and
EN 60068-2-6
Shock resistance
Shock test with severity level 2 as per FN 942017-5 and EN 60068-2-27
Corrosion resistance class (CRC)
1 - Low corrosion stress
Temperature of medium
-5 °C ... 50 °C
Ambient temperature
-5 °C ... 50 °C
Product weight
30.5 g
7/26/22 - Subject to change - Festo SE & Co. KG
1/2


Similar Part No. - 547310

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
547312 FESTO-547312 Datasheet
106Kb / 2P
Air solenoid valve
7/21/22
547315 FESTO-547315 Datasheet
107Kb / 2P
Air solenoid valve
7/26/22
547316 FESTO-547316 Datasheet
107Kb / 2P
Air solenoid valve
7/27/22
547317 FESTO-547317 Datasheet
106Kb / 2P
Air solenoid valve
7/21/22
547318 FESTO-547318 Datasheet
105Kb / 2P
Air solenoid valve
7/21/22
More results

Similar Description - 547310

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
VUVG-B10-B52-ZT-F-1R8L FESTO-VUVG-B10-B52-ZT-F-1R8L Datasheet
96Kb / 2P
Air solenoid valve
VUVG-B10-M52-RZT-F-1R8L FESTO-VUVG-B10-M52-RZT-F-1R8L Datasheet
95Kb / 2P
Air solenoid valve
VUVG-B10-T32C-MZT-F-1R8L FESTO-VUVG-B10-T32C-MZT-F-1R8L Datasheet
101Kb / 2P
Air solenoid valve
VUVG-B10-T32H-AZT-F-1R8L FESTO-VUVG-B10-T32H-AZT-F-1R8L Datasheet
100Kb / 2P
Air solenoid valve
VUVG-BK10-B52-T-F-1H2L-S FESTO-VUVG-BK10-B52-T-F-1H2L-S Datasheet
95Kb / 2P
Air solenoid valve
VUVS-LT20-M32C-MD-G18-F7 FESTO-VUVS-LT20-M32C-MD-G18-F7 Datasheet
103Kb / 2P
Air solenoid valve
VUVS-LT20-M32C-MD-N18-F7 FESTO-VUVS-LT20-M32C-MD-N18-F7 Datasheet
103Kb / 2P
Air solenoid valve
VUVS-LT20-M32U-MD-G18-F7 FESTO-VUVS-LT20-M32U-MD-G18-F7 Datasheet
103Kb / 2P
Air solenoid valve
VUVS-LT20-M52-MZD-G18-F7 FESTO-VUVS-LT20-M52-MZD-G18-F7 Datasheet
103Kb / 2P
Air solenoid valve
MN1H-2-1-MS-NPT FESTO-MN1H-2-1-MS-NPT Datasheet
91Kb / 1P
Air solenoid valve
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com