Electronic Components Datasheet Search
  English  ▼

X  

ADM6823 Datasheet(PDF) 3 Page - Analog Devices

Part # ADM6823
Description  Low Voltage Supervisory Circuits with Watchdog & Manual Reset in 5-Lead SOT-23
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM6823 Datasheet(HTML) 3 Page - Analog Devices

  ADM6823 Datasheet HTML 1Page - Analog Devices ADM6823 Datasheet HTML 2Page - Analog Devices ADM6823 Datasheet HTML 3Page - Analog Devices ADM6823 Datasheet HTML 4Page - Analog Devices ADM6823 Datasheet HTML 5Page - Analog Devices ADM6823 Datasheet HTML 6Page - Analog Devices ADM6823 Datasheet HTML 7Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Preliminary Technical Data
ADM6821–ADM6825
Rev.PrA | Page 3 of 7
Parameter
Min
Typ
Max
Units
Test Conditions/Comments
0.8
×VCC
V
VCC>=3.15V, ISOURCE=500uA,
reset not asserted
0.8
×VCC
V
VCC>=1.8V, ISOURCE=200uA,
reset not asserted
RESET Output Voltage High
0.8
×VCC
VCC>=4.25V, ISOURCE=800uA,
reset asserted
0.8
×VCC
VCC>=2.55V, ISOURCE=500uA,
reset asserted
0.8
×VCC
VCC>=1.50V, ISOURCE=100uA,
reset asserted
0.8
×VCC
VCC>=1.0V, ISOURCE=1uA,
reset asserted, TA=-40°C to +85°C
RESET Output Voltage Low
0.4
V
VCC>=4.75V, ISINK=3.2mA,
reset not asserted
0.3
V
VCC>=3.15V, ISINK=1.2mA,
reset not asserted
0.3
V
VCC>=1.8V, ISINK=500uA,
reset not asserted
WATCHDOG INPUT (ADM6821-ADM6824)
Watchdog Timeout Period
1.12
1.6
2.40
s
WDI Pulse Width
50
ns
VIL=0.4V, VIH=0.8
×VCC,
WDI Input Threshold
VIL
0.3xVCC
V
VIH
0.7xVCC
V
WDI Input Current
120
160
µA
VWDI= VCC, time average
-20
-15
µA
VWDI=0, time average
MANUAL RESET INPUT (ADM6821-ADM6823/ADM6825)
MR Input Threshold
0.3xVCC
V
0.7xVCC
V
MR Input Pulse Width
1
µs
MR Glitch Rejection
100
ns
MR Pull-up Resistance
25
50
75
k
MR to Reset Delay
200
ns
ABSOLUTE MAXIMUM RATINGS
Table 3. TA = 25°C unless otherwise noted.
Parameter
Rating
VCC
-0.3V to +6V
Output Current (RESET, RESET)
20mA
Operating Temperature Range
-40°C to +125°C
Storage Temperature Range
-65°C to +150°C
θJA Thermal Impedance
270°C/W
Lead Temperature
Soldering (10 sec)
300°C
Vapour Phase (60 sec)
215°C
Infrared (15 sec)
220°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only and functional operation of the device at these or
any other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com