Electronic Components Datasheet Search
  English  ▼

X  

CMD263 Datasheet(PDF) 2 Page - Qorvo, Inc

Part # CMD263
Description  5-11 GHz Low Noise Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

CMD263 Datasheet(HTML) 2 Page - Qorvo, Inc

  CMD263 Datasheet HTML 1Page - Qorvo, Inc CMD263 Datasheet HTML 2Page - Qorvo, Inc CMD263 Datasheet HTML 3Page - Qorvo, Inc CMD263 Datasheet HTML 4Page - Qorvo, Inc CMD263 Datasheet HTML 5Page - Qorvo, Inc CMD263 Datasheet HTML 6Page - Qorvo, Inc CMD263 Datasheet HTML 7Page - Qorvo, Inc CMD263 Datasheet HTML 8Page - Qorvo, Inc CMD263 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Custom MMIC
300 Apollo Drive Chelmsford, MA 01824 Phone (978) 467-4290 Fax (978) 467-4294
Visit us online at www.custommmic.com
ver 1.0 0517
Specifications
Absolute Maximum Ratings
Recommended Operating Conditions
Electrical Specifications – Vdd = 3.6 V, TA = 25
oC
Parameter
Rating
Drain Voltage, Vdd
5.0 V
RF Input Power
+20 dBm
Channel Temperature, Tch
150 °C
Power Dissipation, Pdiss
367 mW
Thermal Resistance,
JC
177 °C/W
Operating Temperature
-55 to 85 °C
Storage Temperature
-55 to 150 °C
Operation of this device outside the maximum
ratings may cause permanent damage.
Electrical performance is measured at specific
test conditions. Electrical specifications are not
guaranteed over all recommended operating con-
ditions.
Parameter
Min
Typ
Max
Min
Typ
Max
Units
Frequency Range
5 – 8.5
8.5 – 11
GHz
Gain
21
24
27
19
22
25
dB
Noise Figure
1.7
2.3
1.4
1.7
dB
Input Return Loss
9
12
dB
Output Return Loss
17
18
dB
Output P1dB
10
12
dBm
Supply Current
18
35
46
18
35
46
mA
Gain Temperature
Coefficient
0.010
0.010
dB/°C
Noise Figure Temperature
Coefficient
0.005
0.005
dB/°C
Output IP3
22
22.5
dBm
Parameter
Min
Typ
Max
Units
Vdd
2.0
3.6
4.5
V
Idd
35
mA
CMD263
5-11 GHz Low Noise Amplifier



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com