Electronic Components Datasheet Search
  English  ▼

X  

CMD282C3 Datasheet(PDF) 1 Page - Qorvo, Inc

Part # CMD282C3
Description  DC-22 GHz 2-bit Digital Attenuator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

CMD282C3 Datasheet(HTML) 1 Page - Qorvo, Inc

  CMD282C3 Datasheet HTML 1Page - Qorvo, Inc CMD282C3 Datasheet HTML 2Page - Qorvo, Inc CMD282C3 Datasheet HTML 3Page - Qorvo, Inc CMD282C3 Datasheet HTML 4Page - Qorvo, Inc CMD282C3 Datasheet HTML 5Page - Qorvo, Inc CMD282C3 Datasheet HTML 6Page - Qorvo, Inc CMD282C3 Datasheet HTML 7Page - Qorvo, Inc CMD282C3 Datasheet HTML 8Page - Qorvo, Inc CMD282C3 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
CMD282C3
DC-22 GHz 2-bit Digital Attenuator
Data Sheet | September 9, 2021 | Subject to change without notice
1 of 10
www.qorvo.com
®
Product Overview
The CMD282C3 is a negative controlled, wideband GaAs
MMIC 2-bit digital attenuator housed in a leadless 3x3 mm
surface mount package. Each bit of the attenuator is
controlled by a single voltage of either 0 V or
–5 V. The
attenuator bit values are 4 dB and 8 dB, for a total
attenuation of 12 dB. The CMD282C3 has a low insertion
loss of 1.9 dB at 10 GHz and the attenuation accuracy is
typically 0.2 dB step error. The CMD282C3 is a 50 ohm
matched design which eliminates the need for RF port
matching.
Functional Block Diagram
Electrical Performance (Vee = -5 V, Vctl = 0 / -5 V, TA = 25o C, F = 10 GHz)
Parameter
Min
Typ
Max
Units
Frequency Range
DC - 22
GHz
Insertion Loss
1.9
dB
Attenuation Range
12
dB
Input Return Loss
16
dB
Output Return Loss
18
dB
Input P0.1dB
23
dBm
Input IP3
42
dBm
Switching Speed
25
ns
Key Features
• Wideband Performance
• Low Insertion Loss
• 12 dB Attenuation Range
• Pb-Free RoHs Compliant 3x3 QFN Package
Ordering Information
Part No.
Description
CMD282C3
100 pcs on 7
“ reel
CMD282C3-EVB
Evaluation Board


Similar Part No. - CMD282C3

ManufacturerPart #DatasheetDescription
logo
Custom MMIC Design Serv...
CMD282C3 MMIC-CMD282C3 Datasheet
327Kb / 10P
DC-22 GHz 2-bit Digital Attenuator
More results

Similar Description - CMD282C3

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT-230 MACOM-AT-230 Datasheet
30Kb / 2P
Digital Attenuator, 28 dB, 3-Bit DC - 2 GHz
AT-232 MACOM-AT-232 Datasheet
227Kb / 3P
Digital Attenuator, 30 dB, 4-Bit, DC - 2 GHz
MADA2030G MACOM-MADA2030G Datasheet
98Kb / 2P
5-Bit GaAs Digital Attenuator DC - 2 GHz
AT-273-PIN MACOM-AT-273-PIN Datasheet
153Kb / 4P
Digital Attenuator, 2-Bit, 32.0dB, DC-2.0 GHz
logo
Custom MMIC Design Serv...
CMD281 MMIC-CMD281 Datasheet
307Kb / 10P
DC-40 GHz 2-bit Digital Attenuator
CMD281C3 MMIC-CMD281C3 Datasheet
326Kb / 10P
DC-22 GHz 2-bit Digital Attenuator
CMD282 MMIC-CMD282 Datasheet
307Kb / 10P
DC-40 GHz 2-bit Digital Attenuator
CMD282C3 MMIC-CMD282C3 Datasheet
327Kb / 10P
DC-22 GHz 2-bit Digital Attenuator
logo
Qorvo, Inc
CMD324 QORVO-CMD324 Datasheet
312Kb / 10P
DC-30 GHz 2-bit Digital Attenuator
May 27, 2021
CMD281 QORVO-CMD281 Datasheet
371Kb / 10P
DC-40 GHz 2-bit Digital Attenuator
September 14, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com