Electronic Components Datasheet Search
  English  ▼

X  

CMD285C3 Datasheet(PDF) 1 Page - Qorvo, Inc

Part # CMD285C3
Description  DC-20 GHz Voltage-Variable Attenuator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

CMD285C3 Datasheet(HTML) 1 Page - Qorvo, Inc

  CMD285C3 Datasheet HTML 1Page - Qorvo, Inc CMD285C3 Datasheet HTML 2Page - Qorvo, Inc CMD285C3 Datasheet HTML 3Page - Qorvo, Inc CMD285C3 Datasheet HTML 4Page - Qorvo, Inc CMD285C3 Datasheet HTML 5Page - Qorvo, Inc CMD285C3 Datasheet HTML 6Page - Qorvo, Inc CMD285C3 Datasheet HTML 7Page - Qorvo, Inc CMD285C3 Datasheet HTML 8Page - Qorvo, Inc CMD285C3 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
CMD285C3
DC-20 GHz Voltage-Variable Attenuator
Data Sheet | May 5, 2021 | Subject to change without notice
1 of 16
www.qorvo.com
®
Product Overview
The CMD285C3 is DC to 20 GHz GaAs MMIC absorptive
Voltage Variable Attenuator (VVA) housed in a leadless
surface mount package ideally suited for military, space
and communications systems. The VVA uses two analog
control voltages varied between -5 V and 0 V to control RF
signal levels over a 35 dB dynamic range. The CMD285C3
has a low insertion loss of 3.2 dB at 10 GHz and is a 50
ohm matched design, eliminating the need for RF port
matching.
Key Features
• Wideband Performance
• Low Insertion Loss
• Wide Attenuation Range
• High Linearity
• Pb-Free RoHs Compliant 3x3 mm SMT Package
Functional Block Diagram
Electrical Performance (Vctl = -5.0 V to 0 V, TA = 25o C, F = 10 GHz)
)
)
)
)
Parameter
Min
Typ
Max
Units
Frequency Range
DC - 20
GHz
Insertion Loss
3.2
dB
Attenuation Range
33
dB
Return Loss
11
dB
Input P1dB
20
dBm
Input IP3
30
dBm
Input IP2
55
dBm
Switching Characteristics
tRISE, tFALL (10/90% RF)
tON, tOFF (50% CTL to 10/90% RF)
10
25
ns
ns
Ordering Information
Part No.
Description
CMD285C3
100 pcs on 7
” reel
CMD285C3-EVB
Evaluation Board


Similar Part No. - CMD285C3

ManufacturerPart #DatasheetDescription
logo
Custom MMIC Design Serv...
CMD285C3 MMIC-CMD285C3 Datasheet
426Kb / 15P
DC-20 GHz Voltage-Variable Attenuator
More results

Similar Description - CMD285C3

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT-250 MACOM-AT-250 Datasheet
122Kb / 2P
Voltage Variable Absorptive Attenuator DC - 2 GHz
AT-332 MACOM-AT-332 Datasheet
114Kb / 2P
Voltage Variable Absorptive Attenuator DC - 2 GHz
logo
Hittite Microwave Corpo...
HMC346 HITTITE-HMC346 Datasheet
252Kb / 6P
GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, DC - 20 GHz
HMC346 HITTITE-HMC346_07 Datasheet
265Kb / 6P
GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, DC - 20 GHz
HMC-C053 HITTITE-HMC-C053 Datasheet
258Kb / 6P
VOLTAGE VARIABLE ATTENUATOR MODULE, DC - 20 GHz
logo
M/A-COM Technology Solu...
MAAVSS0005 MA-COM-MAAVSS0005 Datasheet
100Kb / 3P
Voltage Variable Absorptive Attenuator DC - 2.0 GHz
logo
Hittite Microwave Corpo...
HMC346 HITTITE-HMC346_09 Datasheet
281Kb / 6P
GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, DC - 20 GHz
logo
Analog Devices
HMC-C053 AD-HMC-C053 Datasheet
264Kb / 9P
Voltage Variable Attenuator Module, DC to 20 GHz
Rev. E
logo
Custom MMIC Design Serv...
CMD285C3 MMIC-CMD285C3 Datasheet
426Kb / 15P
DC-20 GHz Voltage-Variable Attenuator
logo
Analog Devices
ADH346S AD-ADH346S Datasheet
161Kb / 7P
DC to 8 GHz Voltage-Variable Attenuator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com