Electronic Components Datasheet Search
  English  ▼

X  

CMD308P4 Datasheet(PDF) 1 Page - Qorvo, Inc

Part # CMD308P4
Description  2-6 GHz Low Noise Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

CMD308P4 Datasheet(HTML) 1 Page - Qorvo, Inc

  CMD308P4 Datasheet HTML 1Page - Qorvo, Inc CMD308P4 Datasheet HTML 2Page - Qorvo, Inc CMD308P4 Datasheet HTML 3Page - Qorvo, Inc CMD308P4 Datasheet HTML 4Page - Qorvo, Inc CMD308P4 Datasheet HTML 5Page - Qorvo, Inc CMD308P4 Datasheet HTML 6Page - Qorvo, Inc CMD308P4 Datasheet HTML 7Page - Qorvo, Inc CMD308P4 Datasheet HTML 8Page - Qorvo, Inc CMD308P4 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
CMD308P4
2-6 GHz Low Noise Amplifier
Data Sheet | August 19, 2021 | Subject to change without notice
1 of 13
www.qorvo.com
®
Product Overview
The CMD308P4 is a broadband MMIC low noise amplifier
housed in a leadless 4x4 mm plastic surface mount QFN
package. The CMD308P4 is ideally suited for microwave
radios and S and C-band applications where high gain, low
noise figure and low power consumption are needed. The
broadband device
delivers
31 dB
of
gain with a
corresponding output 1 dB compression point of +12 dBm
and a noise figure of 1.6 dB. The CMD308P4 is a 50 ohm
matched design eliminating the need for external DC blocks
and RF port matching.
Ordering Information
Part No.
Description
CMD308P4
100 pcs on 7” reel
CMD308P4-EVB
Evaluation Board
Key Features
• Low Noise Figure
• High Gain Broadband Performance
• Low Current Consumption
• Single Positive Bias
• Pb-Free RoHs Compliant 4x4 QFN Package
Functional Block Diagram
Electrical Performance (Vdd = 4.0 V, TA = 25o C, F = 4 GHz)
)
)
)
)
)
)
)
Parameter
Min
Typ
Max
Units
Frequency Range
2 - 6
GHz
Gain
31
dB
Noise Figure
1.6
dB
Input Return Loss
18
dB
Output Return Loss
14
dB
Output P1dB
12
dBm
Supply Current
45
mA


Similar Part No. - CMD308P4

ManufacturerPart #DatasheetDescription
logo
Custom MMIC Design Serv...
CMD308P4 MMIC-CMD308P4 Datasheet
239Kb / 12P
2-6 GHz Low Noise Amplifier
More results

Similar Description - CMD308P4

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE1521 PASTERNACK-PE1521 Datasheet
391Kb / 2P
Low Noise Amplifier 2 ??6 GHz
logo
Custom MMIC Design Serv...
CMD228-2 MMIC-CMD228-2 Datasheet
208Kb / 10P
2-6 GHz Low Noise Amplifier
CMD228P4 MMIC-CMD228P4 Datasheet
237Kb / 10P
2-6 GHz Low Noise Amplifier
CMD283 MMIC-CMD283 Datasheet
225Kb / 10P
2-6 GHz Ultra Low Noise Amplifier
CMD283C3 MMIC-CMD283C3 Datasheet
248Kb / 10P
2-6 GHz Ultra Low Noise Amplifier
CMD308 MMIC-CMD308 Datasheet
221Kb / 12P
2-6 GHz Low Noise Amplifier
CMD308P4 MMIC-CMD308P4 Datasheet
239Kb / 12P
2-6 GHz Low Noise Amplifier
logo
Qorvo, Inc
CMD283C3 QORVO-CMD283C3 Datasheet
248Kb / 10P
2-6 GHz Ultra Low Noise Amplifier
CMD283 QORVO-CMD283 Datasheet
225Kb / 10P
2-6 GHz Ultra Low Noise Amplifier
CMD308 QORVO-CMD308 Datasheet
328Kb / 13P
2-6 GHz Low Noise Amplifier
August 19, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com