Electronic Components Datasheet Search
  English  ▼

X  

HT82V736 Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT82V736
Description  Stereo Headphone Driver with Mute
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82V736 Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT82V736 Datasheet HTML 1Page - Holtek Semiconductor Inc HT82V736 Datasheet HTML 2Page - Holtek Semiconductor Inc HT82V736 Datasheet HTML 3Page - Holtek Semiconductor Inc HT82V736 Datasheet HTML 4Page - Holtek Semiconductor Inc HT82V736 Datasheet HTML 5Page - Holtek Semiconductor Inc HT82V736 Datasheet HTML 6Page - Holtek Semiconductor Inc HT82V736 Datasheet HTML 7Page - Holtek Semiconductor Inc HT82V736 Datasheet HTML 8Page - Holtek Semiconductor Inc HT82V736 Datasheet HTML 9Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Typical Performance Characteristics
Fig.1 Total Harmonic Distortion vs. Output Power
Fig.2 Total Harmonic Distortion vs. Output Power
HT82V736
Rev. 1.00
3
February 3, 2005
2 0
1 0
5
2
1
0 . 5
0 . 2
0 . 1
0 . 0 5
0 . 0 2
0 . 0 1
2 0 0 m
5 0 0 m
1 m
2 m
5 m
1 0 m
2 0 m
5 0 m
1 0 0 m
2 0 0 m
O u t p u t P o w e r ( W )
V D D = 5 V
f = 1 0 0 H z
2 0
1 0
5
2
1
0 . 5
0 . 2
0 . 1
0 . 0 5
0 . 0 2
0 . 0 1
2 0 0 m
5 0 0 m
1 m
2 m
5 m
1 0 m
2 0 m
5 0 m
1 0 0 m
2 0 0 m
O u t p u t P o w e r ( W )
V D D = 5 V
f = 1 k H z



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com