Electronic Components Datasheet Search
  English  ▼

X  

KTM Datasheet(PDF) 1 Page - AiT Semiconductor Inc.

Part # KTM
Description  SMD TCXO
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.

KTM Datasheet(HTML) 1 Page - AiT Semiconductor Inc.

  KTM Datasheet HTML 1Page - AiT Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
AiT Semiconductor Inc.
www.ait-ic.com
KTM
SMD TCXO
KTM
Features
Metal cover, FR-4 PCB based.
Output: TTL/CMOS or Clipped Sine Wave.
Low current option(2mA for Clipped Sine Wave).
VC-TCXO available.
Automatic mounting and reflow soldering.
Applications: Marine communication, Mobile communication,
Aerial radio, Satellite, Femtocell, Test equipment, Avionics, etc.
High stability and high reliability.
Electrical Specifications
Type
SMD TCXO
Output Type
TTL/CMOS
Clipped Sine Wave
Output Load
15pF
10kΩ //10pF
Oscillation Mode
Supply Voltage
Frequency Range
Frequency Tolerance
Operating Temperature Range
Storage Temperature Range
Control Voltage Range (VC-TCXO)
Fundamental
3.3V /5.0V
5MHz ~ 40MHz
±2.0ppm
-20~+70°C, -40~+85°C, or specify
-55~+125°C
0.5~2.5V
Supply Current
6mA Max.
3.5mA Max.
Frequency
Stability
Vs. Supply Voltage(±5%) Change
±0.3ppm Max.
Vs. Load(±10%) Change
±0.2ppm Max.
Vs. Aging (@ 1st year)
±1.0ppm Max.
Start-up Time
Pulling Range (VC-TCXO)
2ms Max.
±5.0ppm Min.
Ordering Information
KTM
05000M
33
A
S
Product Code
Frequency Range
5.000MHz
Supply Voltage
33=3.3V
Operating Temperature
Output Type
T=TTL
C=CMOS
S=Clipped Sine wave
A:-20~+70℃
B:-10~+70℃
C:-40~+85℃
D:-40~+125℃
E:-10~+60℃
F:-30~+70℃
Dimension
Units:mm


Similar Part No. - KTM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KTM-5000 ETC-KTM-5000 Datasheet
551Kb / 2P
Crimp Tools
March 2009
logo
SICK AG
KTM-MB31111P SICK-KTM-MB31111P Datasheet
2Mb / 8P
CONTRAST SENSORS
KTM-MB31112P SICK-KTM-MB31112P Datasheet
2Mb / 8P
CONTRAST SENSORS
KTM-MB31191P SICK-KTM-MB31191P Datasheet
2Mb / 7P
CONTRAST SENSORS
KTM-MB8A191P SICK-KTM-MB8A191P Datasheet
2Mb / 7P
CONTRAST SENSORS
More results

Similar Description - KTM

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
DTCXO-15A KSS-DTCXO-15A Datasheet
52Kb / 1P
SMD-Digital TCXO
logo
ECS, Inc.
VC-TXO-23SM ECS-VC-TXO-23SM Datasheet
192Kb / 2P
SMD VC-TCXO
logo
MMD Components
MTKH MMD-MTKH Datasheet
208Kb / 2P
SMD TCXO
logo
TAI-SAW TECHNOLOGY CO.,...
TX0146A TAI-SAW-TX0146A Datasheet
299Kb / 5P
SMD 5.0x3.2 24.5535MHz TCXO
TX0279A TAI-SAW-TX0279A Datasheet
213Kb / 6P
SMD 3.2x2.5 16.367667MHz TCXO
TX0382A TAI-SAW-TX0382A Datasheet
338Kb / 7P
TCXO SMD 3.2x2.5 13.000MHz
logo
Fox Electronics
FOX751 FOX-FOX751 Datasheet
487Kb / 1P
SMD HCMOS TCXO
FOX551 FOX-FOX551 Datasheet
353Kb / 1P
SMD HCMOS TCXO
logo
QUARTZCOM the communica...
TX7-252 QUARTZCOM-TX7-252_11 Datasheet
117Kb / 1P
Miniature SMD TCXO
logo
AiT Semiconductor Inc.
KTC5032 AITSEMI-KTC5032 Datasheet
330Kb / 2P
SMD TCXO
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com