Electronic Components Datasheet Search
  English  ▼

X  

KVDF Datasheet(PDF) 1 Page - AiT Semiconductor Inc.

Part # KVDF
Description  THROUGH-HOLE COMS VCXO
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.

KVDF Datasheet(HTML) 1 Page - AiT Semiconductor Inc.

  KVDF Datasheet HTML 1Page - AiT Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
AiT Semiconductor Inc.
www.ait-ic.com
KVDF
THROUGH-HOLE COMS VCXO
KVDF
Features
All metal welded package.
High precision characteristic covering up to wide
frequency range from 1MHz up to 80MHz.
5V / 3.3V operating voltage.
CMOS output.
3-state function.
14-Pin DIP (Full-Size Package)
Applications: Telecommunications, Mobile communications, Avionics, Test
equipments, Electronic instruments, etc.
Electrical Specifications
Type
THRU-HOLE VCXO
Output Type
Package
CMOS
All metal, hermetically sealed, welt package
Supply current
40mA Max.
60mA Max.
Supply Voltage
3.3V
5.0V
Frequency Range
Frequency Stability
Operating Temperature Range
Storage Temperature Range
1MHz~80MHz
±25ppm, ±50ppm
-20~+70°C, -40~+85°C, or specify
-55~+125°C
Load
15pF
Voltage Voh
3.0V Min.
4.5V Min.
Voltage Vol
0.3V Max.
0.4V Max.
Current loh
-4.0mA
-8.0mA
Current lol
4.0mA
8.0mA
Duty Cycle
40/60 Max.
Rise/Fall Time
5ns Max.
Frequency
Control
Positive Transfer Characteristic
Pullability
±50ppm, ±100ppm, ±150ppm, ±200ppm Min.
Control Voltage
0.3Vdc to 3.0Vdc
0.5Vdc to 4.5Vdc
Center Frequency
1.65Vdc
2.5Vdc
Monotonic Linearity
<±15%
<±15%
Input impedance
50kohms Normal
50kohms Normal
Ordering Information
KVDF
01M
50
25
A
050
Product Code
Frequency
Range
1MHz
Supply
Voltage
33=3.3V
50=5.0V
Frequency
Stability
25=±25ppm
Operating Temperature
Pullability
050=±50ppm
A:-20~+70℃
B:-10~+70℃
C:-40~+85℃
D:-40~+125℃
E:-10~+60℃
F:-30~+70℃
Dimension
Units:mm


Similar Part No. - KVDF

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
KVD HAMMOND-KVD Datasheet
52Kb / 1P
Evaporateur de condensat
logo
IET Labs Inc.
KVD-500 IET-KVD-500 Datasheet
329Kb / 2P
Kelvin-Varley Voltage Divider
04-13-2011
KVD-700 IET-KVD-700 Datasheet
960Kb / 1P
Kelvin-Varley Voltage Divider
logo
United Chemi-Con, Inc.
KVD101L104M32 CHEMI-CON-KVD101L104M32 Datasheet
231Kb / 3P
DIPPED RADIAL LEAD MULTILAYER CERAMIC CAPACITORS
KVD101L104M32A0T00 CHEMI-CON-KVD101L104M32A0T00 Datasheet
231Kb / 3P
DIPPED RADIAL LEAD MULTILAYER CERAMIC CAPACITORS
More results

Similar Description - KVDF

ManufacturerPart #DatasheetDescription
logo
Epson ToYoCom
TCO-711STHC EPSONTOYOCOM-TCO-711STHC Datasheet
407Kb / 1P
COMS logic output
logo
CTS Corporation
206-208 CTS-206-208 Datasheet
336Kb / 4P
Multifunctional Through Hole Through Hole
logo
Advanced Crystal Techno...
ACT7000 ACT-ACT7000 Datasheet
44Kb / 1P
4-pin through hole Voltage Controlled Crystal Oscillators (VCXO)
10/08/04
logo
Fox Electronics
VCXO-CLF FOX-VCXO-CLF Datasheet
145Kb / 1P
5.0V, HCMOS, Thru-Hole VCXO
VCXO-DLF FOX-VCXO-DLF Datasheet
144Kb / 1P
3.3V, HCMOS, Thru-Hole VCXO
logo
Zilog, Inc.
Z86C9116VSC ZILOG-Z86C9116VSC Datasheet
824Kb / 56P
COMS Z8 ROMLess Microcontrollers
logo
SIPAT Co,Ltd
SP4273 SIPAT-SP4273 Datasheet
624Kb / 10P
SPDT Broadband COMS
logo
AiT Semiconductor Inc.
KVC3225 AITSEMI-KVC3225 Datasheet
253Kb / 1P
SMD COMS VCXO
KVDH AITSEMI-KVDH Datasheet
236Kb / 1P
THROUGH-HOLE COMS VCXO
logo
Transko Electronics, In...
VCXO-650 TRANSKO-VCXO-650 Datasheet
451Kb / 2P
STANDARD THROUGH HOLE VCXO (20.7 x 13.1 x 7.5mm)
Rev. 1: Jul. 2014
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com