Electronic Components Datasheet Search
  English  ▼

X  

KXDC Datasheet(PDF) 1 Page - AiT Semiconductor Inc.

Part # KXDC
Description  THRU-HOLE OCXO
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.

KXDC Datasheet(HTML) 1 Page - AiT Semiconductor Inc.

  KXDC Datasheet HTML 1Page - AiT Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
AiT Semiconductor Inc.
www.ait-ic.com
KXDC
THRU-HOLE OCXO
KXDC
Features
Stratum 3(Overall
±4.6ppm including 10 years aging.)
Low phase noise.
Fast warm-up.
Application for Base station, SDH/SONET, RTC clock, Synthesizer ,
Digital switch , Test equipment, etc.
Electrical Specifications
Type
THRU-HOLE OCXO
Output Type
HCMOS
Output Load
15pF
Output Frequency Range
10MHz~40MHz
Output Wave Form
Rectangular
Supply Voltage
3.3V /5.0V
Operating Temperature Range
-30~+70°C, or specify
Frequency
Stability
Frequency Tolerance
±0.2ppm Max..
Vs. Temperature
±0.2ppm Max.
Vs. Supply Voltage
±50ppb Max.
Vs. Aging
Daily
±5.0ppb Max.
Yearly
±0.5ppm Max.
10 years
±3.0ppm Max.
0 Level Output Voltage (Max.)
10% VDD
1 Level Output Voltage (Min.)
90% VDD
Symmetry
45~55%
Spurious
-60dBc
Warm-up
±0.1ppm (In 2 minutes @ +25°C, referenced to 1 hour)
Power Consumption (Steady state)
0.8W Max.
Phase
Noise
Offset 10Hz
-115dBc/Hz
Offset 100Hz
-140dBc/Hz
Offset 1kHz
-152dBc/Hz
Offset 10kHz
-154dBc/Hz
Ordering Information
KXDC
10000M
33
F
Product Code
Frequency Range
10.000MHz
Supply Voltage
33=3.3V
Operating Temperature
A=-20~70℃
B=-10~70℃
C=-40~85℃
D=-40-125℃
E=-10~60℃
F=-30~70℃
Dimension
Units:mm


Similar Part No. - KXDC

ManufacturerPart #DatasheetDescription
logo
Leach International Cor...
KXD LEACH-KXD Datasheet
554Kb / 5P
RELAY NONLATCH 1 PST/NO (DM) AUX / 75 AMP
KXD5A LEACH-KXD5A Datasheet
783Kb / 6P
RELAY NONLATCH 1 PST/NO (DM) / 75 AMP
KXD5B LEACH-KXD5B Datasheet
783Kb / 6P
RELAY NONLATCH 1 PST/NO (DM) / 75 AMP
KXD5C LEACH-KXD5C Datasheet
783Kb / 6P
RELAY NONLATCH 1 PST/NO (DM) / 75 AMP
KXD5M LEACH-KXD5M Datasheet
783Kb / 6P
RELAY NONLATCH 1 PST/NO (DM) / 75 AMP
More results

Similar Description - KXDC

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FHS501AH FOX-FHS501AH Datasheet
138Kb / 1P
Half Size, HCMOS, Thru-Hole OCXO
logo
Mercury United Electron...
H49 MERCURY-H49 Datasheet
115Kb / 1P
Thru - Hole Crystals
HUS MERCURY-HUS Datasheet
104Kb / 1P
Thru - Hole Crystals
logo
XFMRS Inc.
1004 XFMRS-1004 Datasheet
38Kb / 1P
DUAL THRU HOLE
logo
MTRONPTI
XO5085-LPOCXOS MTRONPTI-XO5085-LPOCXOS Datasheet
179Kb / 3P
Specification for a Sine Output Thru-Hole OCXO
logo
AiT Semiconductor Inc.
KTD AITSEMI-KTD Datasheet
233Kb / 1P
THRU-HOLE TCXO
KXDA AITSEMI-KXDA Datasheet
242Kb / 1P
THRU-HOLE OCXO
KXDB AITSEMI-KXDB Datasheet
242Kb / 1P
THRU-HOLE OCXO
logo
GardTec, Inc.
SC120-P10 GARDTEC-SC120-P10 Datasheet
26Kb / 1P
Thru-hole Plastic
SC40-P10 GARDTEC-SC40-P10 Datasheet
25Kb / 1P
Thru-hole Plastic
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com