Electronic Components Datasheet Search
  English  ▼

X  

KXMB Datasheet(PDF) 1 Page - AiT Semiconductor Inc.

Part # KXMB
Description  SMD OCXO
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.

KXMB Datasheet(HTML) 1 Page - AiT Semiconductor Inc.

  KXMB Datasheet HTML 1Page - AiT Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
AiT Semiconductor Inc.
www.ait-ic.com
KXMB
SMD OCXO
KXMB
Features
SC or AT Cut crystal
Low phase noise.
Surface Mount Package.
Reflow soldering and automatic mounting.
Application for Base station, Measuring equipment, Synthesizer,
Digital switch , Test equipment, etc.
Electrical Specifications
Type
SMD OCXO
Output Type
HCMOS
Output Load
15pF
Output Frequency range
5MHz~40MHz
Output Wave Form
Rectangular
Supply Voltage
3.3V /5.0V
Operating Temperature Range
-30~+70°C, or specify
Frequency
Stability
Frequency Tolerance
±10ppb Max.
Vs. Temperature
±10ppb Max.
Vs. Supply Voltage
±0.5ppb Max.
Vs. Aging
Daily
±0.5ppb Max.
Yearly
±50ppb Max.
10 years
±0.4ppm Max.
0 Level Output Voltage (Max.)
10% VDD
1 Level Output Voltage (Min.)
90% VDD
Symmetry
45~55%
Spurious
-60dBc
Warm-up
±10ppb (In 5 minutes @ +25°C,referenced to 1 hour)
Power Consumption (Steady state)
1.2W Max.
Phase
Noise
Offset 10Hz
-120dBc/Hz
Offset 100Hz
-135dBc/Hz
Offset 1kHz
-145dBc/Hz
Offset 10kHz
-150dBc/Hz
Ordering Information
KXMB
05000M
33
F
Product Code
Frequency Range
5.000MHz
Supply Voltage
33=3.3V
Operating Temperature
A=-20~70℃
B=-10~70℃
C=-40~85℃
D=-40-125℃
E=-10~60℃
F=-30~70℃
Dimension
Units:mm


Similar Part No. - KXMB

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
KXM ILLINOISCAPACITOR-KXM Datasheet
240Kb / 3P
Standardized case sizes - High ripple current ??Multiplecase sizes
logo
AiT Semiconductor Inc.
KXMA AITSEMI-KXMA Datasheet
242Kb / 1P
SMD OCXO
logo
Guangdong Kexin Industr...
KXMS6004FF KEXIN-KXMS6004FF Datasheet
558Kb / 5P
N-Channel Self Protected Enhancement Mode MOSFET
More results

Similar Description - KXMB

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
OH-X8FXXXXX NEL-OH-X8FXXXXX Datasheet
51Kb / 3P
HF/UHF OCXO Low Power SMD
logo
Advanced XTAL Products
AXIOM10 AXTAL-AXIOM10 Datasheet
54Kb / 2P
OCXO in SMD package
2005-07-15
AXIOM10HP AXTAL-AXIOM10HP Datasheet
54Kb / 2P
High-performance OCXO in SMD package
2008-04-01
AXIOM120 AXTAL-AXIOM120 Datasheet
132Kb / 4P
SMD OCXO with HCMOS Output
AXIOM125 AXTAL-AXIOM125 Datasheet
132Kb / 4P
SMD OCXO with Sine Wave Output
logo
Raltron Electronics Cor...
OX2550A RALTRON-OX2550A Datasheet
39Kb / 2P
Small OCXO in SMD package
logo
EUROQUARTZ limited
OC51T EUROQUARTZ-OC51T Datasheet
280Kb / 2P
SMD Minature Square Wave OCXO
logo
AiT Semiconductor Inc.
KXMA AITSEMI-KXMA Datasheet
242Kb / 1P
SMD OCXO
logo
TAI-SAW TECHNOLOGY CO.,...
TP0019A TAI-SAW-TP0019A Datasheet
315Kb / 6P
OCXO SMD 25.4mmx22mm 10MHz
REV. NO.: 1.0
TP0026A TAI-SAW-TP0026A Datasheet
277Kb / 4P
OCXO SMD 14.1mmx9.1mm 20MHz
REV. NO.: 1.0
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com