Electronic Components Datasheet Search
  English  ▼

X  

MA3X721 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # MA3X721
Description  Silicon epitaxial planar type
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MA3X721 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  MA3X721 Datasheet HTML 1Page - Panasonic Semiconductor MA3X721 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Schottky Barrier Diodes (SBD)
MA3X721
Silicon epitaxial planar type
For super-high speed switching circuit
For small current rectification
I Features
• Sealed in the mini type mold package, allowing insertion
• Allowing to rectify under (I
F(AV) = 200 mA) condition
• High reliability
I Absolute Maximum Ratings T
a = 25°C
Unit : mm
Parameter
Symbol
Rating
Unit
Reverse voltage (DC)
VR
30
V
Non-repetitive peak forward
IFSM
1A
surge current*
Peak forward current
IFM
300
mA
Average forward current
IF(AV)
200
mA
Junction temperature
Tj
150
°C
Storage temperature
Tstg
−55 to +150
°C
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Reverse current (DC)
IR
VR = 30 V
50
µA
Forward voltage (DC)
VF
IF = 200 mA
0.55
V
Terminal capacitance
Ct
VR = 0 V, f = 1 MHz
30
pF
Reverse recovery time*
trr
IF = IR = 100 mA
3.0
ns
Irr = 10 mA, RL = 100 Ω
I Electrical Characteristics T
a
= 25°C
Note) 1. Schottky barrier diode is sensitive to electric shock (static electricity, etc.). Due attention must be paid on the charge of a
human body and the leakage of current from the operating equipment
 
2. Rated input/output frequency: 1 000 MHz
3. * : trr measuring instrument
Note) * : The peak-to-peak value in one cycle of 50 Hz sine-wave
(non-repetitive)
Internal Connection
Marking Symbol: M1M
JEDEC : TO-236
EIAJ : SC-59
Mini Type Package (3-pin)
1 : Anode
2 : NC
3 : Cathode
2.8
+ 0.2
− 0.3
1.5
+ 0.25
− 0.05
0.65
± 0.15
0.65
± 0.15
3
1
2
0.4
± 0.2
0.1 to 0.3
1
2
3
Bias Application Unit N-50BU
90%
Pulse Generator
(PG-10N)
R
s = 50 Ω
W.F.Analyzer
(SAS-8130)
R
i = 50 Ω
t
p = 2 µs
t
r = 0.35 ns
δ = 0.05
I
F = 100 mA
I
R = 100 mA
R
L = 100 Ω
10%
Input Pulse
Output Pulse
I
rr = 10 mA
t
r
t
p
t
rr
V
R
I
F
t
t
A


Similar Part No. - MA3X721

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MA3X721D PANASONIC-MA3X721D Datasheet
47Kb / 2P
Silicon epitaxial planar type
MA3X721E PANASONIC-MA3X721E Datasheet
47Kb / 2P
Silicon epitaxial planar type
More results

Similar Description - MA3X721

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MA2Q739 PANASONIC-MA2Q739 Datasheet
44Kb / 2P
Silicon epitaxial planar type
MA2S377 PANASONIC-MA2S377 Datasheet
38Kb / 2P
Silicon epitaxial planar type
MA2X073 PANASONIC-MA2X073 Datasheet
39Kb / 2P
Silicon epitaxial planar type
MA2X334 PANASONIC-MA2X334 Datasheet
45Kb / 3P
Silicon epitaxial planar type
MA2X335 PANASONIC-MA2X335 Datasheet
42Kb / 2P
Silicon epitaxial planar type
MA2X707 PANASONIC-MA2X707 Datasheet
41Kb / 2P
Silicon epitaxial planar type
MA2Z365 PANASONIC-MA2Z365 Datasheet
42Kb / 2P
Silicon epitaxial planar type
MA2Z367 PANASONIC-MA2Z367 Datasheet
40Kb / 2P
Silicon epitaxial planar type
MA2Z720 PANASONIC-MA2Z720 Datasheet
42Kb / 2P
Silicon epitaxial planar type
UP04315 PANASONIC-UP04315 Datasheet
106Kb / 4P
Silicon NPN epitaxial planar type Silicon PNP epitaxial planar type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com