Electronic Components Datasheet Search
  English  ▼

X  

L6711TR Datasheet(PDF) 30 Page - STMicroelectronics

Part # L6711TR
Description  3 PHASE CONTROLLER WITH DYNAMIC VID AND SELECTABLE DACs
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6711TR Datasheet(HTML) 30 Page - STMicroelectronics

Back Button L6711TR Datasheet HTML 26Page - STMicroelectronics L6711TR Datasheet HTML 27Page - STMicroelectronics L6711TR Datasheet HTML 28Page - STMicroelectronics L6711TR Datasheet HTML 29Page - STMicroelectronics L6711TR Datasheet HTML 30Page - STMicroelectronics L6711TR Datasheet HTML 31Page - STMicroelectronics L6711TR Datasheet HTML 32Page - STMicroelectronics L6711TR Datasheet HTML 33Page - STMicroelectronics L6711TR Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 38 page
background image
L6711
30/38
Where:
■ RSENSE is the mosfet RdsON or the Inductor DCR depending on the sensing element selected;
■
is the equivalent output resistance determined by the droop function;
■ ZP(s) is the impedance resulting by the parallel of the output capacitor (and its ESR) and the applied
load Ro;
■ ZF(s) is the compensation network impedance;
■ ZL(s) is the parallel of the three inductor impedance;
■ A(s) is the error amplifier gain;
■
is the PWM transfer function where
∆VOSC is the oscillator ramp amplitude and has
a typical value of 3V
Removing the dependence from the Error Amplifier gain, so assuming this gain high enough, the control
loop gain results:
With further simplifications, it results:
Considering now that in the application of interest it can be assumed that Ro>>RL; ESR<<Ro and
RDROOP<<Ro, it results:
The ACM control loop gain is designed to obtain a high DC gain to minimize static error and cross the 0dB
axes with a constant -20dB/dec slope with the desired crossover frequency
ωT. Neglecting the effect of
ZF(s), the transfer function has one zero and two poles.
Both the poles are fixed once the output filter is designed and the zero is fixed by ESR and the Droop re-
sistance.
To obtain the desired shape an RF-CF series network is considered for the ZF(s) implementation. A zero
at
ωF =1/RFCF is then introduced together with an integrator. This integrator minimizes the static error
while placing the zero in correspondence with the L-C resonance a simple -20dB/dec shape of the gain is
assured).
In fact, considering the usual value for the output filter, the LC resonance results to be at frequency lower
than the above reported zero.
G
LO OP s
()
PWM Z
F s
() R
DROOP
Z
P s
()
+
()
⋅
⋅
Z
P s
() Z
L s
()
+
()
Z
F s
()
As
()
---------------
1
1
As
()
------------
+
⎝⎠
⎛⎞
R
FB
⋅
+
⋅
--------------------------------------------------------------------------------------------------------------------
–
=
R
DROO P
R
SENSE
Rg
---------------------- R
FB
⋅
=
PWM
4
5
---
V
IN
V
osc
∆
----------------
⋅
=
G
LO OP s
()
4
5
---
V
IN
V
OSC
∆
-------------------
Z
F s
()
Z
P s
() Z
L s
()
+
------------------------------------
Rs
Rg
--------
Z
P s
()
R
FB
---------------
+
⎝⎠
⎜⎟
⎛⎞
⋅⋅
⋅
–
=
G
LO OP s
()
4
5
---
V
IN
V
OSC
∆
-------------------
Z
F s
()
R
FB
---------------
Ro
R
DRO OP
+
Ro
R
L
3
-------
+
--------------------------------------
1s Co
R
DROOP //Ro
ESR
+
()
⋅⋅
+
s
2
Co
L
3
---
s
L
3Ro
⋅
---------------
Co ESR
Co
+
R
L
3
-------
⋅⋅
+
1
+
⋅
+
⋅⋅
----------------------------------------------------------------------------------------------------------------------------------
⋅⋅
⋅
–
=
G
LO OP s
()
4
5
---
V
IN
V
OSC
∆
-------------------
Z
F s
()
R
FB
---------------
1s Co
R
DROOP
ESR
+
()
⋅⋅
+
s
2
Co
L
3
---
s
L
3Ro
⋅
---------------
Co ESR
Co
+
R
L
3
-------
⋅⋅
+
1
+
⋅
+
⋅⋅
----------------------------------------------------------------------------------------------------------------------------------
⋅⋅
⋅
–
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com