Electronic Components Datasheet Search
  English  ▼

X  

MB1S Datasheet(PDF) 2 Page - AiT Semiconductor Inc.

Part # MB1S
Description  BRIDGE RECTIFIER REVERSE VOLTAGE 100V TO 1000V RECTIFIED CURRENT 0.8A
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.

MB1S Datasheet(HTML) 2 Page - AiT Semiconductor Inc.

  MB1S Datasheet HTML 1Page - AiT Semiconductor Inc. MB1S Datasheet HTML 2Page - AiT Semiconductor Inc. MB1S Datasheet HTML 3Page - AiT Semiconductor Inc. MB1S Datasheet HTML 4Page - AiT Semiconductor Inc. MB1S Datasheet HTML 5Page - AiT Semiconductor Inc. MB1S Datasheet HTML 6Page - AiT Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
AiT
Semiconductor
Inc.
www.ait-ic.com
MB1S~MB10S
BRIDGE RECTIFIER
REVERSE VOLTAGE 100V TO 1000V RECTIFIED CURRENT 0.8A
REV1.0
- AUG 2017 RELEASED -
- 2 -
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25℃ ambient temperature unless otherwise specified. Single phase half wave 60Hz, resistive or
inductive load, for capacitive load current derate by 20 %.
Parameter
Symbols
MB1S MB2S MB4S MB6S MB8S MB10S Unit
Maximum Repetitive Peak
Reverse Voltage
VRRM
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
100
200
400
600
800
1000
V
Average Rectified Output Current
at TA = 50°C
IO
0.8
A
Peak Forward Surge Current,
8.3ms Single Half Sine Wave
Superimposed on Rated Load
(JEDEC method)
IFSM
30
A
Maximum Forward
Voltage
at 0.4 A
VF
1.0
1.1
V
at 0.8 A
Maximum DC
Reverse Current
@TA=25℃
IR
5
40
uA
at Rated DC
Blocking Voltage
@TA=125℃
Typical Junction CapacitanceNOTE1
CJ
13
pF
Typical Thermal ResistanceNOTE2
RθJA
95
℃/W
RθJL
30
Operating and Storage
Temperature Range
TJ, TSTG
-55 ~ +150
℃
NOTE1: Measured at 1MHz and applied reverse voltage of 4 V D.C.
NOTE2: Mounted on glass epoxy PC board with4×(5×5mm2)copper pad.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com