Electronic Components Datasheet Search
  English  ▼

X  

MB1F Datasheet(PDF) 1 Page - AiT Semiconductor Inc.

Part # MB1F
Description  BRIDGE RECTIFIER REVERSE VOLTAGE 100V TO 1000V RECTIFIED CURRENT 0.8A
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.

MB1F Datasheet(HTML) 1 Page - AiT Semiconductor Inc.

  MB1F Datasheet HTML 1Page - AiT Semiconductor Inc. MB1F Datasheet HTML 2Page - AiT Semiconductor Inc. MB1F Datasheet HTML 3Page - AiT Semiconductor Inc. MB1F Datasheet HTML 4Page - AiT Semiconductor Inc. MB1F Datasheet HTML 5Page - AiT Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
AiT Semiconductor Inc.
www.ait-ic.com
MB1F~MB10F
BRIDGE RECTIFIER
REVERSE VOLTAGE 100V TO 1000V RECTIFIED CURRENT 0.8A
REV1.0
- AUG 2018 RELEASED -
- 1 -
DESCRIPTION
FEATURES
The MB1F~MB10F are available in MBF package
Glass Passivated Chip Juntion
Reverse Voltage - 50 to 1000 V
Forward Current - 0.8 A
High Surge Current Capability
Designed for Surface Mount Application
Available in MBF package
ORDERING INFORMATION
MECHANICAL DATA
Package Type
Part Number
MBF
MB1F
MB2F
MB4F
MB6F
MB8F
MB10F
Note
SPQ: 5,000pcs/Reel
AiT provides all RoHS Compliant Products
Case: MBF
Terminals: Solderable per MIL-STD-750,
Method 2026
Approx. Weight: 75mg 0.0024oz
PIN DESCRIPTION


Similar Part No. - MB1F

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
MB1F PACELEADER-MB1F Datasheet
241Kb / 2P
Miniature Glass Passivated Single-Phase Surface Mount Flat Bridge Rectifier
logo
Shenzhen Ping Sheng Ele...
MB1F PFS-MB1F Datasheet
588Kb / 2P
Low Profile Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifier
logo
Shenzhen Luguang Electr...
MB1F LUGUANG-MB1F Datasheet
183Kb / 2P
Silicon Bridge Rectifiers
logo
Formosa MS
MB1F FORMOSA-MB1F Datasheet
197Kb / 2P
0.8A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Guangdong Juxing Electr...
MB1F JUXING-MB1F Datasheet
940Kb / 2P
Miniature Glas Passivated Single-Phase
More results

Similar Description - MB1F

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
MD005 GULFSEMI-MD005 Datasheet
114Kb / 2P
SINGLE PHASE GLASS PASSIVATED SURFACE MOUNT BRIDGE RECTIFIER VOLTAGE:50 TO 1000V CURRENT:0.8A
logo
Rugao Dachang Electroni...
MB2M DACHANG-MB2M Datasheet
138Kb / 2P
Single-phase Silicon Bridge Rectifier Reverse Voltage 200 to 1000 V Forward Current 0.8A
logo
Gaomi Xinghe Electronic...
KBP4005 GXELECTRONICS-KBP4005 Datasheet
469Kb / 2P
Rectifier Reverse Voltage 50 to 1000V
MB05M GXELECTRONICS-MB05M Datasheet
375Kb / 2P
Rectifier Reverse Voltage 50 to 1000V
logo
Shanghai Leiditech Elec...
LB2S LEIDITECH-LB2S Datasheet
719Kb / 2P
Reverse Voltage 200 and 1000V Forward Current 0.8A
logo
AiT Semiconductor Inc.
ABS1 AITSEMI-ABS1 Datasheet
386Kb / 5P
BRIDGE RECTIFIER GLASS REVERSE VOLTAGE 100V TO 1000V RECTIFIED CURRENT 0.8A
REV1.0
DB101S AITSEMI-DB101S Datasheet
603Kb / 5P
BRIDGE RECTIFIER REVERSE VOLTAGE 50V TO 1000V RECTIFIED CURRENT 1.0A
REV2.0
DB201S AITSEMI-DB201S Datasheet
533Kb / 5P
BRIDGE RECTIFIER REVERSE VOLTAGE 50 TO 1000V FORWARD CURRENT 2.0 A
REV1.0
MB10S AITSEMI-MB10S Datasheet
528Kb / 6P
BRIDGE RECTIFIER REVERSE VOLTAGE 100V TO 1000V RECTIFIED CURRENT 0.8A
REV1.0
MB1S AITSEMI-MB1S Datasheet
528Kb / 6P
BRIDGE RECTIFIER REVERSE VOLTAGE 100V TO 1000V RECTIFIED CURRENT 0.8A
REV1.0
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com