Electronic Components Datasheet Search
  English  ▼

X  

LMP7715 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMP7715
Description  Single and Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifiers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMP7715 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LMP7715 Datasheet HTML 1Page - National Semiconductor (TI) LMP7715 Datasheet HTML 2Page - National Semiconductor (TI) LMP7715 Datasheet HTML 3Page - National Semiconductor (TI) LMP7715 Datasheet HTML 4Page - National Semiconductor (TI) LMP7715 Datasheet HTML 5Page - National Semiconductor (TI) LMP7715 Datasheet HTML 6Page - National Semiconductor (TI) LMP7715 Datasheet HTML 7Page - National Semiconductor (TI) LMP7715 Datasheet HTML 8Page - National Semiconductor (TI) LMP7715 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
5V Electrical Characteristics (Continued)
V
O
Output Swing High
R
L =2k
Ω to V+/2
70
77
32
mV
from V
+
R
L =10k
Ω to V+/2
60
66
22
Output Swing Low
R
L =2k
Ω to V+/2
(LMP7715)
42
70
73
mV
R
L =2k
Ω to V+/2
(LMP7716)
50
75
78
R
L =10k
Ω to V+/2
20
60
62
I
O
Output Short Circuit Current
Sourcing to V
−
V
IN = 200 mV (Note 9)
46
38
66
mA
Sinking to V
+
V
IN = −200 mV (Note 9)
10.5
6.5
23
I
S
Supply Current
LMP7715
1.15
1.40
1.75
mA
LMP7716 (per channel)
1.30
1.70
2.05
SR
Slew Rate
A
V = +1, Rising (10% to 90%)
6.0
9.5
V/µs
A
V = +1, Falling (90% to 10%)
7.5
11.5
GBW
Gain Bandwidth Product
17
MHz
e
n
Input-Referred Voltage Noise
f = 400 Hz
7.0
nV/
f = 1 kHz
5.8
i
n
Input-Referred Current Noise
f = 1 kHz
0.01
pA/
THD+N
Total Harmonic Distortion +
Noise
f = 1 kHz, A
V =1,RL = 100 k
Ω
V
O =4VPP
0.001
%
f = 1 kHz, A
V =1,RL = 600
Ω
V
O =4VPP
0.004
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com