Electronic Components Datasheet Search
  English  ▼

X  

MBR230LSF Datasheet(PDF) 2 Page - AiT Semiconductor Inc.

Part # MBR230LSF
Description  SCHOTTKY DIODE REVERSE VOLTAGE 30V FORWARD CURRENT 2.0A
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.

MBR230LSF Datasheet(HTML) 2 Page - AiT Semiconductor Inc.

  MBR230LSF Datasheet HTML 1Page - AiT Semiconductor Inc. MBR230LSF Datasheet HTML 2Page - AiT Semiconductor Inc. MBR230LSF Datasheet HTML 3Page - AiT Semiconductor Inc. MBR230LSF Datasheet HTML 4Page - AiT Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
AiT Semiconductor Inc.
www.ait-ic.com
MBR230LSF
SCHOTTKY DIODE
REVERSE VOLTAGE 30V FORWARD CURRENT 2.0A
REV1.0
- SEP 2018 RELEASED -
- 2 -
ABSOLUTE MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
at 25°C ambient temperature unless otherwise specified. Single phase, half wave, 60Hz resistive or inductive
load, for capacitive load, derate by 20 %
Parameter
Symbol
MBR230LSF
Unit
Maximum Repetitive Peak
Reverse Voltage
VRRM
30
V
Maximum RMS Voltage
VRMS
28
V
Maximum DC Blocking Voltage
VDC
40
V
Maximum Average Forward
Rectified Current
IF(AV)
2.0
A
Peak Forward Surge Current
8.3ms Single Half Sine wave
Superimposed on Rated Load
(JEDEC method)
IFSM
50
A
Maximum Instantaneous Forward
Voltage at 2A
VF
0.55
V
Maximum DC
Reverse Current
at Rated DC
Reverse Voltage
TA=25°C
TA=100°C
IR
0.5
10
mA
Typical Junction CapacitanceNOTE1
CJ
220
pF
Operating Junction Temperature
Range
TJ
-55~+125
°C
Storage Temperature Range
TSTG
-55~+150
°C
NOTE1: Measured at 1MHz and applied reverse voltage of 4V DC



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com