Electronic Components Datasheet Search
  English  ▼

X  

MBR360F Datasheet(PDF) 2 Page - AiT Semiconductor Inc.

Part # MBR360F
Description  SCHOTTKY BARRIER RECTIFIER REVERSE VOLTAGE 20V TO 200V FORWARD CURRENT 3.0A
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.

MBR360F Datasheet(HTML) 2 Page - AiT Semiconductor Inc.

  MBR360F Datasheet HTML 1Page - AiT Semiconductor Inc. MBR360F Datasheet HTML 2Page - AiT Semiconductor Inc. MBR360F Datasheet HTML 3Page - AiT Semiconductor Inc. MBR360F Datasheet HTML 4Page - AiT Semiconductor Inc. MBR360F Datasheet HTML 5Page - AiT Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
AiT Semiconductor Inc.
www.ait-ic.com
MBR320F-MBR3200F
SCHOTTKY BARRIER RECTIFIER
REVERSE VOLTAGE 20V TO 200V FORWARD CURRENT 3.0A
REV1.0
- JAN 2019 RELEASED -
- 2 -
ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified.
Parameter
Symbol
MBR
320F
MBR
330F
MBR
340F
MBR
350F
MBR
360F
MBR
380F
MBR
3100F
MBR
3150F
MBR
3200F
Unit
Maximum & Thermal Characteristics Ratings
Maximum Repetitive Peak
Reverse Voltage
VRRM
20
30
40
50
60
80
100
150
200
V
Maximum RMS Voltage
VRMS
14
21
28
35
42
56
70
105
140
V
Maximum DC Blacking Voltage
VDC
20
30
40
50
60
80
100
150
200
V
Maximum Average Forward
Rectified Current at TC=75°C
IF(AV)
3.0
A
Peak Forward Surge Current,
8.3ms Single Half Sine-wave
Superimposed on Rated Load
(JEDEC method)
IFSM
80
A
Typical thermal resistanceNOTE1
RθJA
85
°C/W
Operating Junction
Temperature Range
TJ
-55~+150
°C
Storage Temperature Range
TSTG
-65~+175
°C
Electrical Characteristics Ratings
Max Instantaneous Forward
Voltage at 3.0A
VF
0.50
0.70
0.85
0.9
0.92
V
Maximum DC
Reverse Current
at Rated DC
Blocking Voltage
TA=25°C
TA=100°C
IR
0.5
20
mA
Typical Junction Capacitance at
4.0V, 1MHz
CJ
160
pF
NOTE1: 8.0mm2 (.013mm thick) land areas



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com