Electronic Components Datasheet Search
  English  ▼

X  

151 Datasheet(PDF) 2 Page - AiT Semiconductor Inc.

Part # 151
Description  POWER INDUCTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.

151 Datasheet(HTML) 2 Page - AiT Semiconductor Inc.

  151 Datasheet HTML 1Page - AiT Semiconductor Inc. 151 Datasheet HTML 2Page - AiT Semiconductor Inc. 151 Datasheet HTML 3Page - AiT Semiconductor Inc. 151 Datasheet HTML 4Page - AiT Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
AiT Semiconductor Inc.
www.ait-ic.com
POWER INDUCTOR
PIQ
●ELECTRICAL CHARACTERISTICS
PART
NUMBER
Inductance
(uH)
D.C.R.(ΩMax)/Rated D.C. Current(A)
PIQ201610T
PIQ252010H
PIQ252012H
PIQ322516
PIQ321618
R12
0.12
0.13 / 0.184
R27
0.27
R47
0.47
0.17 / 0.178
1R0
1.0
0.065 / 3.00
0.06 / 1.48
0.49 / 0.175
1R5
1.5
0.52 / 0.155
2R2
2.2
0.12 / 1.90
0.125 / 1.25
0.54 / 0.140
3R3
3.3
0.160 / 1.08
0.61 / 0.130
4R2
4.2
4R7
4.7
0.40 / 0.90
0.236 / 0.98
1.70 / 0.120
6R8
6.8
0.371 / 0.79
2.00 / 0.110
8R2
8.2
0.471 / 0.72
2.20 / 0.105
100
10
0.56 / 0.60
0.576 / 0.66
2.50 / 0.100
120
12
0.684 / 0.59
2.70 / 0.095
150
15
0.888 / 0.54
2.90 / 0.090
180
18
1.087 / 0.48
3.00 / 0.085
220
22
1.343 / 0.43
3.10 / 0.085
330
33
2.245 / 0.35
3.80 / 0.080
390
39
4.50 / 0.085
470
47
3.064 / 0.29
6.30 / 0.085
560
56
4.120 / 0.27
7.10 / 0.050
680
68
5.289 / 0.24
7.90 / 0.050
820
82
7.223 / 0.20
8.70 / 0.045
101
100
8.209 / 0.19
11.57 / 0.045
151
150
12.57 / 0.16
15.03 / 0.015
181
180
19.65 / 0.14
16.60 / 0.013
221
220
22.31 / 0.13
271
270
24.61 / 0.12
29.70 / 0.011
331
330
28.21 / 0.11
43.06 / 0.010
391
390
32.19 / 0.10
471
470
48.75 / 0.09
53.50 / 0.008
561
560
53.89 / 0.08
681
680
63.01 / 0.07
821
820
66.10 / 0.005
102
1000
PIQ201610T/ PIQ252010H/ PIQ252012H: Measurement frequency of Inductance value : at 1MHz, 1V/ 0.25V/ 0.1V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com