Electronic Components Datasheet Search
  English  ▼

X  

331 Datasheet(PDF) 1 Page - AiT Semiconductor Inc.

Part # 331
Description  POWER INDUCTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.

331 Datasheet(HTML) 1 Page - AiT Semiconductor Inc.

  331 Datasheet HTML 1Page - AiT Semiconductor Inc. 331 Datasheet HTML 2Page - AiT Semiconductor Inc. 331 Datasheet HTML 3Page - AiT Semiconductor Inc. 331 Datasheet HTML 4Page - AiT Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
AiT Semiconductor Inc.
www.ait-ic.com
POWER INDUCTOR
PIQ
●FEATURE
1.
Excellent solder heat resistance(a
dd “C” is for high current type)
2.
Low voltage drops and small variations inductance
●APPLICATION
1.
DC power supply circuits
2.
Power line choke coils
…etc
●ORDERING INFORMATION
PIQ322516
-R12
T
PN
Inductance
K: ±10%
M:±20%
●SHAPE AND DIMENSION
●SCHEMATICS AND LAND PATTERNS(mm)
●SPECIFICATION
Dimension in mm
TYPE
A
B
C
D
E
F
G
I
H
PIQ201610T[0806]
2.0±0.30
1.6±0.30
1.0 MAX
2.10
0.70
2.00
PIQ252010H[1008]
2.5±0.20
2.0±0.35
1.0 MAX
0.85
0.8
2.70
0.80
2.20
PIQ252012H[1008]
2.5±0.30
2.0±0.30
1.2 MAX
0.85
0.8
2.70
0.80
2.20
PIQ322516[1210]
3.2±0.30
2.5±0.30
2.5±0.30
1.6±0.30
0.9
1.3
3.70
1.10
2.90
PIQ321618[1206]
3.2±0.30
1.6±0.30
2.3±0.30
1.8±0.30
0.9
1.3
3.70
0.70
2.00
PIQ322520[1210]
3.2±0.30
2.5±0.30
2.5±0.30
2.0±0.30
0.9
1.3
3.70
1.10
2.90
PIQ453226[1812]
4.5±0.30
3.2±0.30
3.6±0.30
2.6±0.30
1.0
1.0
5.00
1.00
3.70
PIQ575047[2220]
5.7±0.30
5.0±0.30
5.0±0.30
4.7±0.30
1.3
1.7
6.20
1.70
5.50
PIQ322520C[1210]
3.2±0.30
2.5±0.30
2.5±0.30
2.0±0.30
0.9
1.3
3.70
1.10
2.90
PIQ453226C[1812]
4.5±0.30
3.2±0.30
3.6±0.30
2.6±0.30
1.0
1.0
5.00
1.00
3.70
Note1. Measurement frequency of Inductance value : at 1kHz, 0.25V
Note2. Measurement ambient temperature of L, DCR and IDC : at 25°C
Note3. IDC : This indicates the value of current when the inductances is 10% lower than its initial
value at D.C. superimposition or D.C. current when at
∆t=40℃,which is lower.(Ta=20°C)
Note4. Inductance tolerance: K: ±10% ; M: ±20%
Note5. This specification might be changed without notice due to under developing and improving.


Similar Part No. - 331

ManufacturerPart #DatasheetDescription
logo
Productwell Precision E...
331 PRODUCTWELL-331 Datasheet
178Kb / 4P
SHIELDED SMT POWER INDUCTORS
logo
AiT Semiconductor Inc.
331 AITSEMI-331 Datasheet
718Kb / 4P
WIRE WOUND SMD INDUCTOR
logo
Abbatron All Rights Res...
331 ABBATRON-331 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
logo
Keystone Electronics Co...
331 KEYSTONE-331 Datasheet
396Kb / 1P
RETAINING SPACERS & HINGED STANDOFFS
31-07 20th
logo
English Chain Co. Ltd
331 08 ENGLISHCHAIN-331 08 Datasheet
348Kb / 7P
SMALL CHAINS AND FITTINGS
More results

Similar Description - 331

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
R0612-8R2K ETC1-R0612-8R2K Datasheet
38Kb / 1P
Power Inductor
logo
Sumida Corporation
CDRC62 SUMIDA-CDRC62 Datasheet
228Kb / 2P
Power Inductor
CDRR127 SUMIDA-CDRR127 Datasheet
32Kb / 1P
Power Inductor
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
SMD Power Inductor SMD Power Inductor
C2DEP1010 SUMIDA-C2DEP1010 Datasheet
206Kb / 3P
Power Inductor
CDEP1411 SUMIDA-CDEP1411 Datasheet
222Kb / 4P
Power Inductor
CDRH8D38A SUMIDA-CDRH8D38A_11 Datasheet
170Kb / 4P
Power Inductor
CDRR75 SUMIDA-CDRR75 Datasheet
174Kb / 4P
Power Inductor
CDRR107 SUMIDA-CDRR107_11 Datasheet
153Kb / 4P
Power Inductor
logo
Murata Manufacturing Co...
LQH2HP_G0 MURATA-LQH2HP_G0 Datasheet
73Kb / 2P
Chip Inductor Power Inductor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com