Electronic Components Datasheet Search
  English  ▼

X  

S1DF Datasheet(PDF) 2 Page - AiT Semiconductor Inc.

Part # S1DF
Description  RECTIFIER DIODE REVERSE VOLTAGE 50 TO 1000V FORWARD CURRENT 1A
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.

S1DF Datasheet(HTML) 2 Page - AiT Semiconductor Inc.

  S1DF Datasheet HTML 1Page - AiT Semiconductor Inc. S1DF Datasheet HTML 2Page - AiT Semiconductor Inc. S1DF Datasheet HTML 3Page - AiT Semiconductor Inc. S1DF Datasheet HTML 4Page - AiT Semiconductor Inc. S1DF Datasheet HTML 5Page - AiT Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
AiT Semiconductor Inc.
www.ait-ic.com
S1AF~S1MF
RECTIFIER DIODE
REVERSE VOLTAGE 50 TO 1000V FORWARD CURRENT 1A
REV1.0
- JUL 2017 RELEASED -
- 2 -
ABSOLUTE MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified. Single phase half-wave 60Hz, resistive or
inductive load, for capacitive load current derate by 20 %.
Parameter
Symbol
S1AF
S1BF
S1DF
S1GF
S1JF
S1KF
S1MF
Unit
Maximum Repetitive Peak
Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward
Rectified Current at TA=65°C
IF(AV)
1
A
Peak Forward Surge Current
8.3ms Single Half Sine Wave
Superimposed on Rated Load
(JEDEC Method)
IFSM
25
A
Max Instantaneous Forward
Voltage at 1A
VF
1.1
V
Maximum DC
Reverse Current
at Rated DC
Blocking Voltage
TA=25°C
TA=125°C
IR
5
50
μA
Typical Junction
CapacitanceNOTE1
CJ
4
pF
Typical Thermal ResistanceNOTE2
RθJA
180
°C/W
Operating and Storage
Temperature Range
TJ, TSTG
-55 ~150
°C
NOTE1: Measured at 1MHz and applied reverse voltage of 4 V D.C
NOTE2: Thermal resistance from junction to ambient at 0.375" (9.5 mm) lead length, P.C.B. mounted



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com