Electronic Components Datasheet Search
  English  ▼

X  

S3AF Datasheet(PDF) 2 Page - AiT Semiconductor Inc.

Part # S3AF
Description  RECTIFIER DIODE 50~1000V REVERSE VOLTAGE 3A CURRENT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.

S3AF Datasheet(HTML) 2 Page - AiT Semiconductor Inc.

  S3AF Datasheet HTML 1Page - AiT Semiconductor Inc. S3AF Datasheet HTML 2Page - AiT Semiconductor Inc. S3AF Datasheet HTML 3Page - AiT Semiconductor Inc. S3AF Datasheet HTML 4Page - AiT Semiconductor Inc. S3AF Datasheet HTML 5Page - AiT Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
AiT Semiconductor Inc.
www.ait-ic.com
S3AF~S3MF
RECTIFIER DIODE
50~1000V REVERSE VOLTAGE 3A CURRENT
REV1.0
- FEB 2017 RELEASED -
- 2 -
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25℃ ambient temperature unless otherwise specified.
Single phase half-wave 60 Hz, resistive or inductive load, for capacitive load current derate by 20 %.
Parameter
Symbol S3AF S3BF S3DF S3GF S3JF S3KF S3MF Unit
Maximum Repetitive Peak Reverse
Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward Rectified
Current at TA=65℃
IF(AV)
3
A
Peak Forward Surge Current 8.3 ms
Single Half Sine Wave Superimposed
on Rated Load(JEDEC Method)
IFSM
100
A
Maximum Instantaneous Forward
Voltage at 3A
VF
1.2
V
Maximum DC Reverse Current @TA=25°C
at Rated DC Blocking Voltage @TA=125°C
IR
5
250
μA
Typical junction capacitance NOTE1
CJ
53
pF
Typical thermal resistance NOTE2
RθJA
13
47
℃/W
Operating and Storage Temperature
Range
TJ,
TSTG
-55 to 150
℃
NOTE1: Measured at 1 MHz and applied reverse voltage of 4 V DC
NOTE2: Thermal resistance from junction to ambient at 0.375" (9.5 mm) lead length, P.C.B. mounted



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com